Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5210C Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5210C
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5210C Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5210C Datasheet HTML 1Page - Elantec Semiconductor EL5210C Datasheet HTML 2Page - Elantec Semiconductor EL5210C Datasheet HTML 3Page - Elantec Semiconductor EL5210C Datasheet HTML 4Page - Elantec Semiconductor EL5210C Datasheet HTML 5Page - Elantec Semiconductor EL5210C Datasheet HTML 6Page - Elantec Semiconductor EL5210C Datasheet HTML 7Page - Elantec Semiconductor EL5210C Datasheet HTML 8Page - Elantec Semiconductor EL5210C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
EL5210C/EL5410C
30MHz Rail-to-Rail Input-Output Op Amps
Typical Performance Curves
Input Bias Current vs Temperature
0
Temperature (°C)
-0.008
0.008
-0.004
-0.012
0.004
-50
-10
30
70
110
150
Output High Voltage vs Temperature
4.92
4.93
4.91
4.96
Output Low Voltage vs Temperature
-4.91
-4.87
-4.95
-4.85
Temperature (°C)
4.94
Temperature (°C)
-4.89
-4.93
-50
-10
30
70
110
150
4.95
-50
-10
30
70
110
150
VS=±5V
IOUT=5mA
VS=±5V
IOUT=5mA
Input Offset Voltage vs Temperature
1
2
Temperature (°C)
0
3
-50
-10
30
70
110
150
4
5
EL5410C Input Offset Voltage Distribution
200
Input Offset Voltage (mV)
0
500
400
100
300
Input Offset Voltage Drift, TCVOS(µ V/°C)
5
0
25
15
20
10
EL5410C Input Offset Voltage Drift
VS=±5V
Typical
Production
Distortion
Typical
Production
Distortion
VS=±5V
TA=25°C
VS=±5V


Similar Part No. - EL5210C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210CS INTERSIL-EL5210CS Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210CS INTERSIL-EL5210CS Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210CS RENESAS-EL5210CS Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210CS-T13 INTERSIL-EL5210CS-T13 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5210CS-T13 INTERSIL-EL5210CS-T13 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5210C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com