Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLB9012-223KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RLB9012-223KL
Description  RLB9012 Radial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB9012-223KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RLB9012-223KL Datasheet HTML 1Page - Bourns Electronic Solutions RLB9012-223KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RLB9012 Radial Inductor
Features
I Available in E12 series
I Inductance range: 1.0 µH to 47 mH
I RoHS compliant*
Applications
I Power supplies
I DC/DC converters
I General use
9.0
(.354)
MAX.
DIMENSIONS ARE:
MM
(INCHES)
General Specifications
Inductance Drop at Rated Current (IDC).................................................................................................................................................5 %
Operating Temperature ......................................................................................................................................................-55 °C to +125 °C
Storage Temperature ........................................................................................................................................................-55 °C to +105 °C
Materials
Core Material.........................................................................................................................................................................Ferrite DR core
Wire............................................................................................................................................................................Enameled copper wire
Terminal .........................................................................................................................................................................................Cu/AG/Sn
Tube ..............................................................................................................................................................Shrinkable tube 125 °C, 600 V
Product Dimensions
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Part Marking
Electrical Schematic
470
Inductance Code:
- First two digits are significant
- Third digit represents the
number of zeroes to follow
12.2
(.480)
MAX.
18.0 ± 5.0
(.709 ± .197)
25.0 ± 5.0
(.984 ± .197)
9.0
(.354)
MAX.
2.5
(.098)
MAX.
5.0 ± 0.8
(.197 ± .031)
0.65 ± 0.05
(.026 ± .002)
Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (MHz)
SRF
RDC
IDC
(µH)
ref.
LQ
(MHz) min.
(ohms) max.
(A) max.
RLB9012-1R0ML
1.0 ± 20 %
20
1K
7.96
150.00
0.013
10.0
RLB9012-1R5ML
1.5 ± 20 %
20
1K
7.96
100.00
0.016
8.50
RLB9012-2R2ML
2.2 ± 20 %
20
1K
7.96
90.00
0.021
6.50
RLB9012-3R3ML
3.3 ± 20 %
20
1K
7.96
65.00
0.025
5.50
RLB9012-4R7ML
4.7 ± 20 %
20
1K
7.96
51.00
0.030
4.60
RLB9012-6R8ML
6.8 ± 20 %
20
1K
7.96
29.00
0.035
4.10
RLB9012-100KL
10.0 ± 10 %
50
1K
2.52
14.00
0.045
3.40
RLB9012-120KL
12.0 ± 10 %
50
1K
2.52
13.00
0.050
3.10
RLB9012-150KL
15.0 ± 10 %
50
1K
2.52
12.00
0.056
2.90
RLB9012-180KL
18.0 ± 10 %
40
1K
2.52
11.00
0.061
2.66
RLB9012-220KL
22.0 ± 10 %
40
1K
2.52
9.20
0.070
2.40
RLB9012-270KL
27.0 ± 10 %
40
1K
2.52
8.50
0.080
2.22
RLB9012-330KL
33.0 ± 10 %
30
1K
2.52
7.80
0.090
2.05
RLB9012-390KL
39.0 ± 10 %
30
1K
2.52
6.90
0.100
1.85
RLB9012-470KL
47.0 ± 10 %
30
1K
2.52
6.50
0.160
1.77
RLB9012-560KL
56.0 ± 10 %
30
1K
2.52
5.40
0.180
1.48
Packaging: 200 pieces per bag


Similar Part No. - RLB9012-223KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB9012-220KL BOURNS-RLB9012-220KL Datasheet
136Kb / 2P
   RLB9012 Radial Inductor
More results

Similar Description - RLB9012-223KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB9012-152KL BOURNS-RLB9012-152KL Datasheet
136Kb / 2P
   RLB9012 Radial Inductor
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com