Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-2412SAWN-HC Datasheet(PDF) 5 Page - Recom International Power

Part # RP15-2412SAWN-HC
Description  Ultraminiature 25.4 x25.4x9.9mm Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-2412SAWN-HC Datasheet(HTML) 5 Page - Recom International Power

  RP15-2412SAWN-HC Datasheet HTML 1Page - Recom International Power RP15-2412SAWN-HC Datasheet HTML 2Page - Recom International Power RP15-2412SAWN-HC Datasheet HTML 3Page - Recom International Power RP15-2412SAWN-HC Datasheet HTML 4Page - Recom International Power RP15-2412SAWN-HC Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
RECOM:
RP15-2405DAW RP15-2405DAW/N RP15-2405DAW/N-HC RP15-2405DAW/P RP15-2405DAW/P-HC RP15-
2405DAW-HC RP15-2405SAW RP15-2405SAW/N RP15-2405SAW/N-HC RP15-2405SAW/P RP15-2405SAW/P-HC
RP15-2405SAW-HC RP15-2412DAW RP15-2412DAW/N RP15-2412DAW/N-HC RP15-2412DAW/P RP15-
2412DAW/P-HC RP15-2412DAW-HC RP15-2412SAW RP15-2412SAW/N RP15-2412SAW/N-HC RP15-2412SAW/P
RP15-2412SAW/P-HC RP15-2412SAW-HC RP15-2415DAW RP15-2415DAW/N RP15-2415DAW/N-HC RP15-
2415DAW/P RP15-2415DAW/P-HC RP15-2415DAW-HC RP15-2415SAW RP15-2415SAW/N RP15-2415SAW/N-HC
RP15-2415SAW/P RP15-2415SAW/P-HC RP15-2415SAW-HC RP15-243.3SAW RP15-243.3SAW/N RP15-
243.3SAW/N-HC RP15-243.3SAW/P RP15-243.3SAW/P-HC RP15-243.3SAW-HC RP15-4805DAW RP15-
4805DAW/N RP15-4805DAW/N-HC RP15-4805DAW/P RP15-4805DAW/P-HC RP15-4805DAW-HC RP15-
4805SAW RP15-4805SAW/N RP15-4805SAW/N-HC RP15-4805SAW/P RP15-4805SAW/P-HC RP15-4805SAW-HC
RP15-4812DAW RP15-4812DAW/N RP15-4812DAW/N-HC RP15-4812DAW/P RP15-4812DAW/P-HC RP15-
4812DAW-HC RP15-4812SAW RP15-4812SAW/N RP15-4812SAW/N-HC RP15-4812SAW/P RP15-4812SAW/P-HC
RP15-4812SAW-HC RP15-4815DAW RP15-4815DAW/N RP15-4815DAW/N-HC RP15-4815DAW/P RP15-
4815DAW/P-HC RP15-4815DAW-HC RP15-4815SAW RP15-4815SAW/N RP15-4815SAW/N-HC RP15-4815SAW/P
RP15-4815SAW/P-HC RP15-4815SAW-HC RP15-483.3SAW RP15-483.3SAW/N RP15-483.3SAW/N-HC RP15-
483.3SAW/P RP15-483.3SAW/P-HC RP15-483.3SAW-HC


Similar Part No. - RP15-2412SAWN-HC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2412SAW RECOM-RP15-2412SAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-2412SAWN-HC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
D050505T-2W MORNSUN-D050505T-2W Datasheet
121Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ILSI America LLC
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com