Electronic Components Datasheet Search |
|
RP15-2412DAWN Datasheet(PDF) 2 Page - Recom International Power |
|
RP15-2412DAWN Datasheet(HTML) 2 Page - Recom International Power |
2 / 5 page Input Voltage Range 24V nominal input 9-36VDC 48V nominal input 18-75VDC Input Filter Pi Type Input Surge Voltage (100 ms max.) 24V Input 50VDC 48V Input 100VDC Input Reflected Ripple (nominal Vin and full load) (4) 30mAp-p Start Up Time (nominal Vin and constant resistor load) 30ms max. Optional Remote ON/OFF (5) DC-DC ON Short or 0V < Vr < 1.2V (Negative logic) DC-DC OFF Open or 3.0V < Vr < 12V Remote Pin drive current Nominal Vin -0.5mA~1.0mA Remote OFF input current Nominal Vin 2.5mA Output Voltage Accuracy (full Load and nominal Vin) ±1% Optional Output Trim (5) ±10% Minimum Load 0% Line Regulation (low line, high line at full load) Single ±0.2% Dual ±0.5% Load Regulation (0% to full load) Single ±0.2% Dual ±1% Cross Regulation (Asymmetrical 25% <> 100% load) Dual Output ±5% Ripple and Noise (20MHz bandwith, with 1µF MLCC on output) 3.3, 5V Outputs 75mVp-p Others 100mVp-p Temperature Coefficient ±0.02%/°C max. Transient Response (25% load step change) 250µs Over Voltage Protection 3.3V 3.7-5.4V Zener diode clamp (only single) 5V 5.4-7.0V 12V 13.5-19.6V 15V 16.8-20.5V Over Load Protection (% of full load at nominal Vin) 150% typ Undervoltage Lockout See Application Notes Short Circuit Protection Hiccup, automatic recovery Efficiency see „Selection Guide“ table Isolation Voltage (rated for one minute) 1600VDC Isolation Resistance 1 G Ω min. Isolation Capacitance 1000pF max.Operating Frequency 400kHz typ Operating Temperature Range -40°C to +85°C(with derating) Maximum Case Temperature +105°C Storage Temperature Range -55°C to +125°C Thermal Impedance (6) Natural convection 18.2°C/Watt Natural convection with Heat Sink 15.8°C/Watt Thermal Shock MIL-STD-810F continued on next page Specifications (typical at nominal input and 25°C unless otherwise noted) POWERLINE DC/DC-Converter RP15-S_DAW Series REV: 0/2014 www.recom-power.com P-46 |
Similar Part No. - RP15-2412DAWN |
|
Similar Description - RP15-2412DAWN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |