Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV20-561K Datasheet(PDF) 3 Page - Tyco Electronics

Part # ROV20-561K
Description  20mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV20-561K Datasheet(HTML) 3 Page - Tyco Electronics

  ROV20-561K Datasheet HTML 1Page - Tyco Electronics ROV20-561K Datasheet HTML 2Page - Tyco Electronics ROV20-561K Datasheet HTML 3Page - Tyco Electronics ROV20-561K Datasheet HTML 4Page - Tyco Electronics ROV20-561K Datasheet HTML 5Page - Tyco Electronics ROV20-561K Datasheet HTML 6Page - Tyco Electronics ROV20-561K Datasheet HTML 7Page - Tyco Electronics ROV20-561K Datasheet HTML 8Page - Tyco Electronics ROV20-561K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ROV20, ROV20H, ROV20E
20mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25484
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
3 of 11
DEVICE RATINGS AND CHARACTERISTICS
STANDARD SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@100A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV20-180M
18
11
14
36
1)
7.0
27100
ROV20-220M
22
14
18
43
1)
8.0
21200
ROV20-270M
27
17
22
53
1)
10.0
20000
ROV20-330M
33
± 20%
20
26
65
1)
12.0
17200
ROV20-390L
39
25
31
77
1)
14.0
15003
ROV20-470L
47
30
38
93
1)
17.0
12080
ROV20-560L
56
35
45
110
1)
20.0
11600
ROV20-680L
68
± 15%
40
56
135
1)
2000
1000
0.20
24.0
9600
ROV20-820K
82
50
65
135
44.0
5200
ROV20-101K
100
60
85
165
56.0
4000
ROV20-121K
120
75
100
200
64.0
3800
ROV20-151K
150
95
125
250
88.0
3000
ROV20-181K
180
115
150
300
104.0
2400
ROV20-201K
200
130
170
340
114.0
1829
♦ ●
ROV20-221K
220
140
180
360
124.0
1600
♦ ●
ROV20-241K
240
150
200
395
134.0
1422
♦ ●
ROV20-271K
270
175
225
455
158.0
1261
♦ ●
ROV20-301K
300
195
250
505
168.0
1100
♦ ●
ROV20-331K
330
210
275
550
184.0
1106
♦ ●
ROV20-361K
360
230
300
595
208.0
987
♦ ●
ROV20-391K
390
250
320
650
240.0
975
♦ ●
ROV20-431K
430
275
350
710
264.0
858
♦ ●
ROV20-471K
470
300
385
775
280.0
761
♦ ●
ROV20-511K
510
320
418
842
296.0
792
♦ ●
ROV20-561K
560
350
460
920
312.0
679
♦ ●
ROV20-621K
620
385
505
1025
328.0
605
♦ ●
ROV20-681K
680
420
560
1120
344.0
553
♦ ●
ROV20-751K
750
460
615
1240
360.0
554
♦ ●
ROV20-781K
780
485
640
1290
368.0
481
♦ ●
ROV20-821K
820
510
670
1355
376.0
519
♦ ●
ROV20-911K
910
550
745
1500
408.0
444
♦ ●
ROV20-102K
1000
625
825
1650
448.0
400
♦ ●
ROV20-112K
1100
680
895
1815
496.0
360
♦ ●
ROV20-182K
1800
± 10%
1000
1465
2970
6500
4000
1.00
695.0
260
1) The clamping voltage for devices ROV20-180M to ROV20-680L is tested with 20A current.


Similar Part No. - ROV20-561K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20-181K MACOM-ROV20-181K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-2 MACOM-ROV20-241K-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-AP MACOM-ROV20-241K-AP Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-S-2 MACOM-ROV20-241K-S-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20-241K-S-AP MACOM-ROV20-241K-S-AP Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
More results

Similar Description - ROV20-561K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20 MACOM-ROV20 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com