Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-2415SAW Datasheet(PDF) 2 Page - Recom International Power

Part # RP15-2415SAW
Description  Ultraminiature 25.4 x25.4x9.9mm Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-2415SAW Datasheet(HTML) 2 Page - Recom International Power

  RP15-2415SAW Datasheet HTML 1Page - Recom International Power RP15-2415SAW Datasheet HTML 2Page - Recom International Power RP15-2415SAW Datasheet HTML 3Page - Recom International Power RP15-2415SAW Datasheet HTML 4Page - Recom International Power RP15-2415SAW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input Voltage Range
24V nominal input
9-36VDC
48V nominal input
18-75VDC
Input Filter
Pi Type
Input Surge Voltage (100 ms max.)
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple (nominal Vin and full load)
(4)
30mAp-p
Start Up Time (nominal Vin and constant resistor load)
30ms max.
Optional Remote ON/OFF
(5)
DC-DC ON
Short or 0V < Vr < 1.2V
(Negative logic)
DC-DC OFF
Open or 3.0V < Vr < 12V
Remote Pin drive current
Nominal Vin
-0.5mA~1.0mA
Remote OFF input current
Nominal Vin
2.5mA
Output Voltage Accuracy (full Load and nominal Vin)
±1%
Optional Output Trim
(5)
±10%
Minimum Load
0%
Line Regulation (low line, high line at full load)
Single
±0.2%
Dual
±0.5%
Load Regulation (0% to full load)
Single
±0.2%
Dual
±1%
Cross Regulation (Asymmetrical 25% <> 100% load)
Dual Output
±5%
Ripple and Noise (20MHz bandwith, with 1µF MLCC on output)
3.3, 5V Outputs
75mVp-p
Others
100mVp-p
Temperature Coefficient
±0.02%/°C max.
Transient Response (25% load step change)
250µs
Over Voltage Protection
3.3V
3.7-5.4V
Zener diode clamp (only single)
5V
5.4-7.0V
12V
13.5-19.6V
15V
16.8-20.5V
Over Load Protection (% of full load at nominal Vin)
150% typ
Undervoltage Lockout
See Application Notes
Short Circuit Protection
Hiccup, automatic recovery
Efficiency
see „Selection Guide“ table
Isolation Voltage (rated for one minute)
1600VDC
Isolation Resistance
1 G
Ω min.
Isolation Capacitance
1000pF max.Operating Frequency
400kHz typ
Operating Temperature Range
-40°C to +85°C(with derating)
Maximum Case Temperature
+105°C
Storage Temperature Range
-55°C to +125°C
Thermal Impedance
(6)
Natural convection
18.2°C/Watt
Natural convection with Heat Sink
15.8°C/Watt
Thermal Shock
MIL-STD-810F
continued on next page
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP15-S_DAW
Series
REV: 0/2014
www.recom-power.com
P-46


Similar Part No. - RP15-2415SAW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2415SAW RECOM-RP15-2415SAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-2415SAW

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
D050505T-2W MORNSUN-D050505T-2W Datasheet
121Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ILSI America LLC
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com