Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60V1BDPE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60V1BDPE
Description  Short circuit withstand time (6s typ.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60V1BDPE Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60V1BDPE Datasheet HTML 1Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 2Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 3Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 4Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 5Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 6Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 7Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 8Page - Renesas Technology Corp RJH60V1BDPE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RJH60V1BDPE
Preliminary
R07DS0743EJ0200 Rev.2.00
Page 5 of 9
May 25, 2011
1100
10
1
100
10
1100
10
1
100
10
Gate Registance Rg (
Ω)
(Inductive load)
Gate Registance Rg (
Ω)
(Inductive load)
Collector Current IC (A)
(Inductive load)
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Switching Characteristics (Typical) (3)
Switching Characteristics (Typical) (4)
Collector Current IC (A)
(Inductive load)
0.1
1
0.01
10
100
1000
td(off)
td(on)
tf
tr
VCC = 300 V, VGE = 15 V
IC = 8 A, Tc = 150°C
VCC = 300 V, VGE = 15 V
IC = 8 A, Tc = 150°C
Eoff
Eon
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
10
1
0.1
0.01
Eoff
Eon
1
100
10
1000
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
td(off)
td(on)
tf
tr
10
100
1000
50
25
150
75
125
100
Switching Characteristics (Typical) (5)
td(on)
Case Temperature Tc (°C)
(Inductive load)
VCC = 300 V, VGE = 15 V
IC = 8 A, Rg = 5 Ω
tf
td(off)
tr
0.01
0.1
1
50
25
150
75
125
100
Case Temperature Tc (°C)
(Inductive load)
Switching Characteristics (Typical) (6)
Eoff
Eon
VCC = 300 V, VGE = 15 V
IC =8 A, Rg = 5 Ω


Similar Part No. - RJH60V1BDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V1BDPE RENESAS-RJH60V1BDPE_15 Datasheet
108Kb / 10P
   600 V - 8 A - IGBT Application: Inverter
More results

Similar Description - RJH60V1BDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH1CV6DPQ-E0 RENESAS-RJH1CV6DPQ-E0_13 Datasheet
182Kb / 10P
   Short circuit withstand time (5 us typ.)
logo
DinTek Semiconductor Co...
DTGN40N60 DINTEK-DTGN40N60 Datasheet
1Mb / 10P
   Short Circuit Withstand Times ⋎10us
logo
ECS, Inc.
ETXO-H ECS-ETXO-H Datasheet
416Kb / 3P
   Short Lead time
logo
Abracon Corporation
ASG2-LJ ABRACON-ASG2-LJ Datasheet
3Mb / 6P
   Short lead time
06/03/2016
logo
ECS, Inc.
ECXV-P ECS-ECXV-P Datasheet
493Kb / 3P
   Short Lead time
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
logo
Abracon Corporation
ASG2-P ABRACON-ASG2-P Datasheet
2Mb / 4P
   Short lead time
07.01.14
logo
ECS, Inc.
ETXO-L ECS-ETXO-L Datasheet
864Kb / 3P
   Short Lead time
ETXO-P ECS-ETXO-P Datasheet
1Mb / 3P
   Short Lead time
logo
Nell Semiconductor Co.,...
70FD NELLSEMI-70FD Datasheet
630Kb / 6P
   Short reverse recovery time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com