Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5146CN Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL5146CN
Description  100 MHz Single Supply Rail to Rail Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5146CN Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL5146CN Datasheet HTML 3Page - Elantec Semiconductor EL5146CN Datasheet HTML 4Page - Elantec Semiconductor EL5146CN Datasheet HTML 5Page - Elantec Semiconductor EL5146CN Datasheet HTML 6Page - Elantec Semiconductor EL5146CN Datasheet HTML 7Page - Elantec Semiconductor EL5146CN Datasheet HTML 8Page - Elantec Semiconductor EL5146CN Datasheet HTML 9Page - Elantec Semiconductor EL5146CN Datasheet HTML 10Page - Elantec Semiconductor EL5146CN Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
EL5144C, EL5146C, EL5244C, EL5246C,
EL5444C
100 MHz Single Supply Rail to Rail Amplifier
Slew Rate vs. Die Temperature
DIE TEMPERATURE (°C)
-55
-15
25
65
145
105
145
200
150
250
48
Large Signal Pulse Response (Split Supplies)
VS= ±2.5V, RL = 150Ω to 0V, RF = 1KΩ, AV = +2
TIME (20ns/DIV)
61
-2
0
+2
Large Signal Pulse Response (Single Supply)
VS= +5V, RL = 150Ω to 0V, RF = 1KΩ, AV = +2
TIME (20ns/DIV)
62
1
2
3
4
0
Small Signal Pulse Response (Single Supply)
VS= +5V, RL = 150Ω to 0V, RF = 1KΩ, AV = +2
TIME (20ns/DIV)
63
1.3
1.5
1.7
Small Signal Pulse Response (Split Supply)
VS= ±2.5V, RL = 150Ω to 0V, RF = 1KΩ, AV = +2
TIME (20ns/DIV)
64
-0.2
0
+0.2
70
Settling Time vs. Settling Accuracy
RL=1KΩ, RF = 500Ω, AV = -1, VSTEP = 3V
0.01
0.1
1.0
SETTLING ACCURACY (%)
0
20
40
60
80
100


Similar Part No. - EL5146CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5146CN INTERSIL-EL5146CN Datasheet
499Kb / 19P
   100MHz Single-Supply Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL5146CN RENESAS-EL5146CN Datasheet
1Mb / 24P
   100MHz Single-Supply Rail-to-Rail Amplifiers
More results

Similar Description - EL5146CN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612MA TI1-LMH6612MA Datasheet
1Mb / 32P
[Old version datasheet]   Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Analog Devices
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com