Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFM12B-915S2P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RFM12B-915S2P
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-915S2P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RFM12B-915S2P Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-915S2P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
fLO
frequency
(9MHZ crystal
used)
433 MHz band,2.5KHz step
868 MHz band,5KHz step
915 MHz band,7.5KHz step
387.22
774.43
810.65
395.7
6
791.5
6
836.3
4
MHz
fLO
frequency
(11MHZ crystal
used)
433 MHz band,2.5KHz step
868 MHz band,5KHz step
915 MHz band,7.5KHz step
473.26
946.53
990.79
483.7
3
967.4
6
1022.
2
MHz
BW
Receiver
bandwidth
mode
0
mode
1
mode
2
mode
3
mode
4
mode
5
60
120
180
240
300
360
67
134
200
270
350
400
75
150
225
300
375
450
KHz
tlock
PLL lock time
After 10MHz step hopping, frequency
error <10 kHz
30
us
tst, P
PLL startup time
With a running crystal
oscillator
200
300
us
BR
Data rate
With internal digital demodulator
0.6
115.2
kbps
BRA
Data rate
With external RC filter
256
kbps
BER 10
-3, BW=134KHz,BR=1.2kbps, 433MHz band
-109
-100
BER 10
-3, BW=134KHz,BR=1.2kbps, 868MHz band
-105
-100
Pmin
sensitivity
BER 10
-3, BW=134KHz,BR=1.2kbps, 915MHz band
-105
-100
dBm
AFCrange
AFC working
range
dfFSK : FSK deviation in the received
signal
0.8*
dfFSK
RSA
RSSI accuracy
±5
dB
RSR
RSSI range
46
dB
CARSSI
ARSSI filter
1
nF
RSSTEP
RSSI
programmable
step
6
dB
RSRESP
DRSSI response
time
RSSI output high after valid ,
CARRSI=5nF
500
us


Similar Part No. - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-915S2P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com