Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCHD1928LG1 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RCHD1928LG1
Description  Armoire de table en acier robuste a assembler, ventilee
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RCHD1928LG1 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RCHD1928LG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. RCHD1928LG1 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RCHV 1902817BK1 RCHV 1902817LG1
30.00
21.00
17.50
28.00
19.00
16.25
16U
16
58 lb (26.4 kg)
RCHV 1901024BK1 RCHV 1901024LG1
12.50
21.00
24.50
10.50
19.00
23.25
6U
16
52 lb (23.6 kg)
RCHV 1901424BK1 RCHV 1901424LG1
16.00
21.00
24.50
14.00
19.00
23.25
8U
16
56 lb (25.5 kg)
RCHV 1901724BK1 RCHV 1901724LG1
19.50
21.00
24.50
17.50
19.00
23.25
10U
16
60 lb (27.3 kg)
RCHV 1902224BK1 RCHV 1902224LG1
24.75
21.00
24.50
22.75
19.00
23.25
13U
16
68 lb (30.9 kg)
RCHV 1902824BK1 RCHV 1902824LG1
30.00
21.00
24.50
28.00
19.00
23.25
16U
16
76 lb (35.5 kg)
RCHV 1901031BK1 RCHV 1901031LG1
12.50
21.00
31.50
10.50
19.00
30.25
6U
16
64 lb (29.1 kg)
RCHV 1901431BK1 RCHV 1901431LG1
16.00
21.00
31.50
14.00
19.00
30.25
8U
16
70 lb (31.8 kg)
RCHV 1901731BK1 RCHV 1901731LG1
19.50
21.00
31.50
17.50
19.00
30.25
10U
16
72 lb (32.7 kg)
RCHV 1902231BK1 RCHV 1902231LG1
24.75
21.00
31.50
22.75
19.00
30.25
13U
16
80 lb (36.4 kg)
RCHV 1902831BK1 RCHV 1902831LG1
30.00
21.00
31.50
28.00
19.00
30.25
16U
16
92 lb (41.8 kg)
Door Options
Part No.
Part No.
Part No.
Use with Cabinet Panel Height
Shipping
Black
Beige
Light Gray
Rack Units
Height
Weight
RCHD1908BK1
RCHD1908CG1
RCHD1908LG1
5U
8.75
5 lb (2.3 kg)
RCHD1910BK1
RCHD1910CG1
RCHD1910LG1
6U
10.50
5 lb (2.3 kg)
RCHD1914BK1
RCHD1914CG1
RCHD1914LG1
8U
14.00
6 lb (2.7 kg)
RCHD1917BK1
RCHD1917CG1
RCHD1917LG1
10U
17.50
7 lb (3.2 kg)
RCHD1922BK1
RCHD1922CG1
RCHD1922LG1
13U
22.75
9 lb (4.1 kg)
RCHD1928BK1
RCHD1928CG1
RCHD1928LG1
16U
28.00
12 lb (5.5 kg)
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - RCHD1928LG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCHD1928LG1 HAMMOND-RCHD1928LG1 Datasheet
77Kb / 1P
   Porte verrouillable
RCHD1928LG1 HAMMOND-RCHD1928LG1 Datasheet
120Kb / 2P
   Armoire de table en acier robuste a assembler
More results

Similar Description - RCHD1928LG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCHS HAMMOND-RCHS Datasheet
120Kb / 2P
   Armoire de table en acier robuste a assembler
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
   Armoire pour serveur en acier robuste
DC4R HAMMOND-DC4R Datasheet
97Kb / 2P
   Bati ouvert a 4 montants a assembler en acier robuste
HWM HAMMOND-HWM Datasheet
127Kb / 3P
   Armoire murale a porte pivotante en acier robuste
DNRRHDKB HAMMOND-DNRRHDKB Datasheet
51Kb / 2P
   BATI OUVERT A 2 MONTANTS A ASSEMBLER EN ACIER ROBUSTE
EN4SDSS HAMMOND-EN4SDSS Datasheet
183Kb / 4P
   Armoire murale en acier inoxydable de type 4X
HN4FSSS HAMMOND-HN4FSSS Datasheet
130Kb / 3P
   Armoire autoportante en acier inoxydable de type 4X
N1A HAMMOND-N1A Datasheet
115Kb / 3P
   Armoire murale en acier doux de type 1
1418N4FSQTSS HAMMOND-1418N4FSQTSS Datasheet
112Kb / 2P
   Armoire autoportante en acier inoxydable de type 4X
EN4SD HAMMOND-EN4SD Datasheet
273Kb / 6P
   Armoire murale en acier doux de type 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com