Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT65101 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PT65101
Description  4 actuator types
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT65101 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PT65101 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT65101 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT65101 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APEM
www.apem.com
F-7
PT65 series
Rotary code switches
Through-hole
F
ACCESSORIES ADAPTED TO YOUR APPLICATIONS
Basic model PT657 has been designed to accept different
actuators with snap-in connection.
According to your application, you can choose between spindles
or plastic knobs in two different lengths and a
Ø 17 mm (.669) knurled wheel for lateral marking.
Standard colours are shown below. Special colours are also
available on request.
STANDARD PRODUCTS
MODELS
CODES
BCD
BCD complement
Hexadecimal
Hexadecimal complem.
FOR SCREWDRIVER
Upper actuation
PT65101
PT65102
PT65103
PT65303
PT65503
PT65303L254
-
PT65103L254
PT65103L508
PT65106
-
-
-
-
-
Side actuation
PT65101L254
PT65101L508
-
-
-
-
PT65502
-
-
Upper actuation
PT65301
PT65501
-
PT65701
Upper actuation
Side actuation
Upper actuation
WITH SPINDLE
WITH SEGMENT WHEEL
FOR ACCESS.
SPINDLES
Length 11,6 mm (standard)
Length 13,3 mm
P/N
U4822
U4824
U4832
COLOURS
black
grey
black
PLASTIC KNOBS
Length 5,3 mm (standard)
Length 15,7 mm
(
(
Length 4,4 mm
(
(
(
P/N
U4906
U4916
U4941
U4943
U4944
U4945
U4946
COLOURS
red
red
blue
green
grey
yellow
red
KNURLED WHEEL
(unmarked - marking
on request)
P/N
U4847/1
COLOUR
white/black
Panel
(.157)
4.00
(.524)
13.30
11.60
(.457)
(.413)
10.50
(.240)
6.10
(.122)
3.10
(.209)
5.30
15.70
(.618)
(.083)
2.10
(.122)
(.161)
3.10
4.10
2.80
(.110)
(.138)
3.50
4.40
(.173)
17.00
(.669)
(.283)
7.20
1.80
(.071)
3.10
(.122)
9.60
(.378)


Similar Part No. - PT65101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65101 ETC2-PT65101 Datasheet
211Kb / 3P
   Rotary code switches
PT65101L254 ETC2-PT65101L254 Datasheet
211Kb / 3P
   Rotary code switches
PT65101L508 ETC2-PT65101L508 Datasheet
211Kb / 3P
   Rotary code switches
More results

Similar Description - PT65101

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Mitsubishi Electric Sem...
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
   4 CHANNEL ACTUATOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
   4-CHANNEL ACTUATOR DRIVER
logo
Hammond Manufacturing L...
MHK HAMMOND-MHK Datasheet
52Kb / 1P
   Jeux de poignees de types 4 et 4X
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
   Connector types optional
logo
IXYS Corporation
IXDN0036 IXYS-IXDN0036 Datasheet
963Kb / 41P
   Several lamp types
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
NXP Semiconductors
ECG10 PHILIPS-ECG10 Datasheet
158Kb / 1P
   Bi-Polar Types
logo
PHOENIX CONTACT
1692792 PHOENIX-1692792 Datasheet
121Kb / 9P
   Sensor/actuator box - SACB-4/ 4-M23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com