Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4583CN Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4583CN
Description  Sync Separator, 50% Slice, S-H, Filter, HOUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4583CN Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4583CN Datasheet HTML 1Page - Elantec Semiconductor EL4583CN Datasheet HTML 2Page - Elantec Semiconductor EL4583CN Datasheet HTML 3Page - Elantec Semiconductor EL4583CN Datasheet HTML 4Page - Elantec Semiconductor EL4583CN Datasheet HTML 5Page - Elantec Semiconductor EL4583CN Datasheet HTML 6Page - Elantec Semiconductor EL4583CN Datasheet HTML 7Page - Elantec Semiconductor EL4583CN Datasheet HTML 8Page - Elantec Semiconductor EL4583CN Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
EL4583C
Sync Separator, 50% Slice, S-H, Filter, HOUT
Absolute Maximum Ratings (T
A = 25°C)
VCC Supply
7V
Storage Temperature
-65°C to +150°C
Pin Voltages
-0.5V to VCC +0.5V
Operating Temperature Range
-40°C to +85°C
Power Dissipation
See Curves
Die Junction Temperature
150°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
DC Electrical Characteristics
VDD = 5V, TA = 25°C, RSET = 681kΩ, RF = 22kΩ, RLV = 82kΩ
Parameter
Description
Min
Typ
Max
Unit
IDD
VDD = 5V [1]
2.5
4
mA
Clamp Voltage
Pins 4, 8, unloaded
1.3
1.55
1.8
V
Discharge Current
Pins 4, 8, with Signal (VIN = 2V)
3
6
12
µA
Discharge Current
Pins 4, 8, no Signal [2]
10
µA
Clamp Charge Current
Pins 4, 8, VIN = 1V
2
3
4
mA
Ref. Voltage VREF
Pin 12, VDD = 5V [3]
1.5
1.75
2
V
Filter Reference Voltage, VRF
Pin 1
0.35
0.5
0.65
V
Level Reference Current
Pin 2 [4]
1.5
2.5
3.5
µA
VOL Output Low Voltage
IOL = 1.6mA
350
800
mV
VOH Output High Voltage
IOH = -40µA
4
V
IOH = -1.6mA
2.4
4
1. No video signal, outputs unloaded
2. At loss of signal (pin 10 high) the pull down current source switches to a value of 10µA
3. Tested for VDD 5V ±5%
4. Current sourced from pin 2 is VREF/RSET


Similar Part No. - EL4583CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4583CN INTERSIL-EL4583CN Datasheet
141Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
EL4583CN INTERSIL-EL4583CN Datasheet
178Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583CN INTERSIL-EL4583CN Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Renesas Technology Corp
EL4583CN RENESAS-EL4583CN Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
More results

Similar Description - EL4583CN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A Datasheet
213Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583 INTERSIL-EL4583_06 Datasheet
178Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
   Sync Separator, 50% Slice, S-H, Filter
logo
Intersil Corporation
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
   Sync Separator, 50% Slice, S-H, Filter
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
   Sync Separator, 50% Slice, S-H, Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com