Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKR2000A Datasheet(PDF) 7 Page - Ericsson

Part # PKR2000A
Description  DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKR2000A Datasheet(HTML) 7 Page - Ericsson

Back Button PKR2000A Datasheet HTML 3Page - Ericsson PKR2000A Datasheet HTML 4Page - Ericsson PKR2000A Datasheet HTML 5Page - Ericsson PKR2000A Datasheet HTML 6Page - Ericsson PKR2000A Datasheet HTML 7Page - Ericsson PKR2000A Datasheet HTML 8Page - Ericsson PKR2000A Datasheet HTML 9Page - Ericsson PKR2000A Datasheet HTML 10Page - Ericsson PKR2000A Datasheet HTML 11Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
4 (14)
Prepared (also subject responsible if other)
No.
ESKEVIN
2/1301-BMR 640 1211+ Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Julia You)
EZYPING
2007-8-20
D
3.3V, 2A / 6.6W Typical Characteristics
PKR 2610A SI
Start-up
Shut-down
Start-up enabled by connecting V
I at:
Tref = +25°C, VI = 27 V,
IO = 2 A resistive load.
Top trace: output voltage (1.0 V/div.).
Bottom trace: input voltage (10 V/div.).
Time scale: (2 ms/div.).
Shut-down enabled by disconnecting V
I at:
Tref = +25°C, VI = 27 V,
IO = 2 A resistive load.
Top trace: output voltage (1.0 V/div.).
Bottom trace: input voltage (10 V/div.).
Time scale: (2 ms/div.).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
Tref = +25°C, VI = 27 V,
IO = 2 A resistive load.
Trace: output voltage (5 mV/div.).
Time scale: (2 μs/div.).
Output voltage response to load current step-
change (0.5-1.5-0.5 A) at:
Tref =+25°C, VI = 27 V.
Top trace: output voltage (200 mV/div.).
Bottom trace: load current (1 A/div.).
Time scale: (0.2 ms/div.).
Output Voltage Adjust (see operating information)
Passive adjust
The resistor value for an adjusted output voltage is calculated by
using the following equations:
Output Voltage Adjust Upwards, Increase:
Rou= 3.18 x (3.9 — Vo) / ( Vo - Voi) kΩ
E.g. Increase 4% =>Vout =3.43 Vdc
3.18 x (3.9 — 3.43) / (3.43- 3.3) = 11.5 k
Ω
Output Voltage Adjust Downwards, Decrease:
Rod= 17.2 x ( Voi — Vo) / (Vo —1.7) kΩ
E.g. Decrease 2% =>Vout = 3.23 Vdc
17.2 x ( 3.3 — 3.23) / (3.23 —1.7)= 0.79 kΩ
E
PKR 2000A series
DC/DC converters, Input 18-36 V, Output up to 2 A/15 W
EN/LZT 146 352 R2C September 2007
© Ericsson Power Modules AB
Technical Specification
7


Similar Part No. - PKR2000A

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PKR20 EDI-PKR20 Datasheet
53Kb / 2P
   FAST RECOVERY MINIBRIDGE 8 AMPERES SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
StarHope
PKR20A SPSEMI-PKR20A Datasheet
112Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 6000 Watt Peak Pulse Power
logo
Electronic devices inc.
PKR20F EDI-PKR20F Datasheet
56Kb / 2P
   FAST RECOVERY MINIBRIDGE 10 AMPERES-TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
More results

Similar Description - PKR2000A

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKY4716PI ERICSSON-PKY4716PI Datasheet
981Kb / 20P
   DC/DC converters, Input 36-75 V, Output up to 25 A/700 W
PKU5310EPI ERICSSON-PKU5310EPI Datasheet
2Mb / 25P
   DC/DC converters, Input 18-72 V, Output up to 10 A/35 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
   DC/DC converters, Input 36-75 V, Output 30 A/90 W
PKY2616PIM ERICSSON-PKY2616PIM Datasheet
595Kb / 17P
   PKY 2000 PI series DC/DC converters, Input 18-36 V, Output 21.5 A/600 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
Texas Instruments
PTMA403033 TI-PTMA403033 Datasheet
1Mb / 33P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
PTMA403033 TI-PTMA403033_15 Datasheet
1Mb / 29P
[Old version datasheet]   10-W, 36-V to 75-V INPUT, 1500-V ISOLATION, DC/DC CONVERTERS
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com