Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MILF150WCWC1-U Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # MILF150WCWC1-U
Description  150W High Bay Light
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

MILF150WCWC1-U Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  MILF150WCWC1-U Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. MILF150WCWC1-U Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. MILF150WCWC1-U Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. MILF150WCWC1-U Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. MILF150WCWC1-U Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. MILF150WCWC1-U Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
150W High Bay Light
MILF150WCWC1-U
Rev.: A /2
◆Photo:
◆Dimensions:
Unit:mm(inch)
Tolerance:±10mm
DRAWING NO. : DS-80-13-XXXX
DATE : 2013-10-9
Page : 3
Reflector Option
480mm(18.9")
470 mm
(18.5")
580mm(22.8" )
470 mm
(18.5")
215mm(8.5")
Shell color: black or white
Release
by
PARA LIGHT DCC


Similar Part No. - MILF150WCWC1-U

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
MILF200WCWC1-U PARALIGHT-MILF200WCWC1-U Datasheet
273Kb / 6P
   200W High Bay Light
MILF200WCWC1-U-F PARALIGHT-MILF200WCWC1-U-F Datasheet
274Kb / 6P
   200W High Bay Light
MILF60WCWN0 PARALIGHT-MILF60WCWN0 Datasheet
160Kb / 4P
   60W High Bay Light
More results

Similar Description - MILF150WCWC1-U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX302105 ETC2-NX302105 Datasheet
1Mb / 4P
   Heat Sink Assembly, High Bay 150W
logo
Inventronics Inc.
HUK-150SXXXDV INVENTRONICS-HUK-150SXXXDV Datasheet
1Mb / 15P
   150W Programmable Driver for High Bay
Rev. A
logo
PARA LIGHT ELECTRONICS ...
MILF200WCWC1-U PARALIGHT-MILF200WCWC1-U Datasheet
273Kb / 6P
   200W High Bay Light
logo
Inventronics Inc.
HUK-150SXXXDT INVENTRONICS-HUK-150SXXXDT Datasheet
1Mb / 15P
   150W P rogrammable Driver for High Bay
Rev. A
logo
PARA LIGHT ELECTRONICS ...
MILF60WCWN0 PARALIGHT-MILF60WCWN0 Datasheet
160Kb / 4P
   60W High Bay Light
MILF200WCWC1-U-F PARALIGHT-MILF200WCWC1-U-F Datasheet
274Kb / 6P
   200W High Bay Light
PARA-SPL-150WDF-YFA-CW PARALIGHT-PARA-SPL-150WDF-YFA-CW Datasheet
153Kb / 4P
   150W Flood Light
PARA-SPL-150WDF-YFA-WW PARALIGHT-PARA-SPL-150WDF-YFA-WW Datasheet
120Kb / 4P
   150W Flood Light
logo
Cree, Inc
C12361-HB-2X2 CREE-C12361-HB-2X2 Datasheet
294Kb / 5P
   High Bay series
C12345-HB-5X1 CREE-C12345-HB-5X1 Datasheet
295Kb / 5P
   High Bay series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com