Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP501WYL061WHR2 Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # EP501WYL061WHR2
Description  Enhance Power LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

EP501WYL061WHR2 Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  EP501WYL061WHR2 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. EP501WYL061WHR2 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Enhance Power LED
EP501WYL061WHR2
REV:A/1
●Typical Optical and Electrical
DRAWING NO. : DS-50-11-XXX
DATE : 2012-7-3
Page : 5
200
20
0
60
40
1 50
100
1 20
1 00
80
3 00
IF (m A)
2 50
3 50
4 00
Forward Current VS Luminous Flux
3500K
3250K
3050K
2800
2670
Q4
P4
N4
M4
M5
N5
P5
Q5
Q6
P6
N6
M6
M7
N7
P7
Q7
CIEX
Warm-white Bin Structure
Release
by
PARA LIGHT DCC


Similar Part No. - EP501WYL061WHR2

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501WYL064WHR3 PARALIGHT-EP501WYL064WHR3 Datasheet
281Kb / 13P
   Enhance Power LED
More results

Similar Description - EP501WYL061WHR2

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
   Enhance Power LED
EP503WYL095WHR PARALIGHT-EP503WYL095WHR Datasheet
200Kb / 13P
   Enhance Power LED
EP503IR4L017W PARALIGHT-EP503IR4L017W Datasheet
168Kb / 12P
   Enhance Power LED
EP503IR4L077W PARALIGHT-EP503IR4L077W Datasheet
169Kb / 12P
   Enhance Power LED
EP501WYL002WH PARALIGHT-EP501WYL002WH Datasheet
279Kb / 13P
   Enhance Power LED
EP501WYL002WHR PARALIGHT-EP501WYL002WHR Datasheet
200Kb / 13P
   Enhance Power LED
EP501YL006W PARALIGHT-EP501YL006W Datasheet
257Kb / 12P
   Enhance Power LED
EP502IRAL039W PARALIGHT-EP502IRAL039W Datasheet
176Kb / 12P
   Enhance Power LED
EP501WYL064WHR3 PARALIGHT-EP501WYL064WHR3 Datasheet
281Kb / 13P
   Enhance Power LED
EP501W2L001W PARALIGHT-EP501W2L001W Datasheet
184Kb / 13P
   Enhance Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com