Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP501W1L001WS Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # EP501W1L001WS
Description  Long operating life.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

EP501W1L001WS Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  EP501W1L001WS Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. EP501W1L001WS Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Enhance Power LED
EP501W1L001WS
REV:A/4
●Chip Material
1. Dice Material : InGaN
2. Light Color : White
3. Lens Color : Water Clear
●Absolute Maximum Rating(Ta=25℃)
Symbol
Parameter
Rating
Unit
IF
DC Forward Current
700
mA
Ipulse
Peak Pulse Current
(tp≦100us, duty cycle=0.25)
1000
mA
VR
Reverse Voltage
5
V
IR
Reverse Current(VR=5V)
50
uA
Tj
LED Junction Temperature(at IF=350mA)
115
*Topr
Operating Temperature
-30 ~ +100
*Tstg
Storage Temperature
-40 ~ +100
Tsol
Manual Soldering Time at 260℃(Max.)
5
seconds
ESD
ESD Sensitivity(Human Body Model)
2000
V
Note :
*
:
Temperature for using with aluminum board.
●Electro-Optical Characteristic(Ta=25℃,T
opr=100ms)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Luminous Flux
ΦV
115/195
lm
IF=350mA/700mA
Viewing Angle
2
θ1/2
130
deg
Color Temperature
CCT
6000
K
IF=350mA
Forward Voltage
VF
3.2/3.6
3.4/4.0
V
IF =350mA/700mA
Reverse Current
IR
50
μA
VR = 5V
DRAWING NO. : DS-50-10-XXX
DATE : 2012-6-26
Page : 3
Release
by
PARA LIGHT DCC


Similar Part No. - EP501W1L001WS

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501W1L056WHR2 PARALIGHT-EP501W1L056WHR2 Datasheet
195Kb / 13P
   Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
More results

Similar Description - EP501W1L001WS

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
EP501BL004W PARALIGHT-EP501BL004W Datasheet
186Kb / 12P
   Long operating life.
EP501W1C001WH PARALIGHT-EP501W1C001WH Datasheet
195Kb / 13P
   Long operating life.
EP501AL005W PARALIGHT-EP501AL005W Datasheet
255Kb / 12P
   Long operating life.
EP501W1BW071W PARALIGHT-EP501W1BW071W Datasheet
170Kb / 12P
   Long operating life.
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
   Long operating life.
EP501IR1L015W PARALIGHT-EP501IR1L015W Datasheet
149Kb / 12P
   Long operating life.
EP501W1L053WS PARALIGHT-EP501W1L053WS Datasheet
186Kb / 12P
   Long operating life.
EP501RL003W PARALIGHT-EP501RL003W Datasheet
236Kb / 12P
   Long operating life.
EP501W1L056WHR2 PARALIGHT-EP501W1L056WHR2 Datasheet
195Kb / 13P
   Long operating life.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com