Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ9.1B Datasheet(PDF) 1 Page - Rohm

Part # KDZ9.1B
Description  Voltage regulation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZ9.1B Datasheet(HTML) 1 Page - Rohm

  KDZ9.1B Datasheet HTML 1Page - Rohm KDZ9.1B Datasheet HTML 2Page - Rohm KDZ9.1B Datasheet HTML 3Page - Rohm KDZ9.1B Datasheet HTML 4Page - Rohm KDZ9.1B Datasheet HTML 5Page - Rohm KDZ9.1B Datasheet HTML 6Page - Rohm KDZ9.1B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Zener Diode
KDZ series
lApplication
lDimensions
(Unit : mm)
lLand size figure
(Unit : mm)
Voltage regulation
lFeatures
1) Small power mold type. (PMDU)
2) High ESD tolerance
lStructure
lConstruction
Silicon epitaxial planar
lTaping specifications
(Unit : mm)
lAbsolute maximum ratings
(Ta = 25°C)
Power dissipation
P
mW
Junction temperature
Tj
°C
Storage temperature
Tstg
°C
Unit
1000
150
-
55 to +150
Parameter
Symbol
Limits
PMDU
Anode
Cathode
0.9±0.1
1.6±0.1
0.8±0.1
0.1±0.1
    0.05
1.2
4.0±0.1
2.0±0.05
φ1.55±0.05
1.81±0.1
4.0±0.1
φ1.0±0.1
0.25±0.05
1.5MAX
1.55  0.05
1.0  0.1
Manufacture Date
ROHM :
JEDEC : SOD-123
EX. KDZ10B
1/6
2013.11 - Rev.H


Similar Part No. - KDZ9.1B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KDZ9.1B DIODES-KDZ9.1B Datasheet
128Kb / 5P
   Zener diode
logo
Rohm
KDZ9.1B ROHM-KDZ9.1B Datasheet
115Kb / 5P
   Zener diode
KDZ9.1B ROHM-KDZ9.1B Datasheet
115Kb / 5P
   Zener diode
KDZ9.1B ROHM-KDZ9.1B Datasheet
116Kb / 5P
   Zener diode
KDZ9.1B ROHM-KDZ9.1B Datasheet
115Kb / 5P
   Zener diode
More results

Similar Description - KDZ9.1B

ManufacturerPart #DatasheetDescription
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com