Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E26F10WXXG0-A22U Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # E26F10WXXG0-A22U
Description  LED A22 E26 Light Bulb
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

E26F10WXXG0-A22U Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  E26F10WXXG0-A22U Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. E26F10WXXG0-A22U Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. E26F10WXXG0-A22U Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. E26F10WXXG0-A22U Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. E26F10WXXG0-A22U Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. E26F10WXXG0-A22U Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LED A22 E26 LIGHT BULB
E26F10WXX.G0-A22U
Rev : A /0
Operation Conditions:
Operating Temp. Range
-20~40
Storage Temp .Range
-30~80
Reliability Test:
Installation:
Item
High temperature high
humidity test
Temperature 50
humidity 85%
AC220V 96 H
Aging test
Temperature 40 , AC220V 72H
On Off test
Temperature 25 ,AC220V,turn on/off1500 times
Life test
Temperature 25 ,AC220V,1000Hr
DRAWING NO. : DS-80-12-XXXX
DATE : 2012-8-9
Page : 5


Similar Part No. - E26F10WXXG0-A22U

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
E26F10WXXG0-A22P PARALIGHT-E26F10WXXG0-A22P Datasheet
159Kb / 6P
   LED A22 E26 Light Bulb
More results

Similar Description - E26F10WXXG0-A22U

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
E26F10WXXG0-A22P PARALIGHT-E26F10WXXG0-A22P Datasheet
159Kb / 6P
   LED A22 E26 Light Bulb
E26F7WXXG0-A22U PARALIGHT-E26F7WXXG0-A22U Datasheet
145Kb / 6P
   LED A22 E26 Light Bulb
E26F7WXXG0-A22P PARALIGHT-E26F7WXXG0-A22P Datasheet
159Kb / 6P
   LED A22 E26 Light Bulb
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
   LED A22 E27 Light Bulb
logo
Rohm
R-B101L1 ROHM-R-B101L1 Datasheet
1Mb / 2P
   LED Light Bulb
logo
Ningbo Foryard Optoelec...
FYA60-3020UW-4W FORYARD-FYA60-3020UW-4W Datasheet
708Kb / 4P
   LED Light Bulb
FYA60-3020UW-6W FORYARD-FYA60-3020UW-6W Datasheet
711Kb / 4P
   LED Light Bulb
logo
PARA LIGHT ELECTRONICS ...
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
   LED A19 E27 Light Bulb
logo
Power Integrations, Inc...
DI-131 POWERINT-DI-131 Datasheet
756Kb / 2P
   LED Driver for Halogen Light Bulb Retrofit
logo
List of Unclassifed Man...
BUBOE27008WF04 ETC2-BUBOE27008WF04 Datasheet
688Kb / 8P
   8W Dimmable Light Bulb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com