Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4450C Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4450C
Description  Wideband Four-Quadrant Multiplier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4450C Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4450C Datasheet HTML 1Page - Elantec Semiconductor EL4450C Datasheet HTML 2Page - Elantec Semiconductor EL4450C Datasheet HTML 3Page - Elantec Semiconductor EL4450C Datasheet HTML 4Page - Elantec Semiconductor EL4450C Datasheet HTML 5Page - Elantec Semiconductor EL4450C Datasheet HTML 6Page - Elantec Semiconductor EL4450C Datasheet HTML 7Page - Elantec Semiconductor EL4450C Datasheet HTML 8Page - Elantec Semiconductor EL4450C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
EL4450C
Wideband Four-Quadrant Multiplier
Absolute Maximum Ratings (T
A = 25 °C)
V+
Positive Supply Voltage
16.5V
VS
V+ to V- Supply Voltage
33V
VIN
Voltage at any Input or Feedback
V+ to V-
VIN
Difference between Pairs of Inputs or Feedback
6V
IIN
Current into any Input or Feedback Pin
4 mA
IOUT Output Current
30 mA
PD
Maximum Power Dissipation
See Curves
TA
Operating Temperature Range
-40°C to +85°C
TS
Storage Temperature Range
-60°C to +150°C
Important Note:
All parameters having Min/Max specifications are guaranteed. The Test Level column indicates the specific device testing actually performed during
production and Quality inspection. Elantec performs most electrical tests using modern high-speed automatic test equipment, specifically the LTX77
Series system. Unless otherwise noted, all tests are pulsed tests, therefor TJ = TC = TA.
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002.
II
100% production tested at TA = 25°C and QA sample tested at TA = 25°C, TMAX and TMIN per QA test plan QCX0002.
III
QA sample tested per QA test plan QCX0002.
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data.
V
Parameter is typical value at TA = 25°C for information purposes only.
Open-Loop DC Electrical Characteristics
Power Supplies at ±5V, TA = 25°C, VFB = VOUT.
Parameter
Description
Min
Typ
Max
Test Level
Units
VDIFF
Differential Input Voltage—Clipping
1.8
2.0
IV
0.2% nonlinearity
1.0
VV
VCM
Common-Mode Range of VDIFF = 0, VS = ±5V
±2.5
±2.8
IV
VS = ±15V
±12.5
±12.8
IV
VOS
Input Offset Voltage
8
35
ImV
IB
Input Bias Current
9
20
IµA
IOS
Input Offset Current between XIN+ and XIN-, YIN+ and YIN-, REF and FB
0.5
4
IµA
Gain
Gain Factor of VOUT = Gain × XIN+ × YIN
0.45
0.5
0.55
I
V/V
2
NLx
Nonlinearity of X Input; XIN between -1V and +1V
0.3
0.7
I%
NLy
Nonlinearity of Y Input; YIN between -1V and +1V
0.2
0.35
I%
RIN
Input resistance
XIN+ to XIN-, YIN+ to YIN-,
230
Vk
REF to FB
90
CMRR
Common-Mode Rejection Ratio, XIN and YIN
70
90
IdB
PSRR
Power-Supply Rejection Ratio, FB
60
72
IdB
VO
Output Voltage Swing
(VIN = 0, VREF Varied)
VS = ±5V
±2.5
±2.8
IV
VS = ±15V
±12.5
±12.8
ISC
Output Short-Circuit Current
40
85
ImA
IS
Supply Current, VS = ±15V
15.4
18
ImA
D44450B.fm Page 2 Tuesday, April 21, 1998 9:51 AM


Similar Part No. - EL4450C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4450CM INTERSIL-EL4450CM Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
EL4450CN INTERSIL-EL4450CN Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
More results

Similar Description - EL4450C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
   Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com