Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZ4.7B Datasheet(PDF) 6 Page - Rohm

Part # KDZ4.7B
Description  Voltage regulation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZ4.7B Datasheet(HTML) 6 Page - Rohm

  KDZ4.7B Datasheet HTML 1Page - Rohm KDZ4.7B Datasheet HTML 2Page - Rohm KDZ4.7B Datasheet HTML 3Page - Rohm KDZ4.7B Datasheet HTML 4Page - Rohm KDZ4.7B Datasheet HTML 5Page - Rohm KDZ4.7B Datasheet HTML 6Page - Rohm KDZ4.7B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZ3.6B
lElectrical characteristic curves
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25°C
VR=1.0V
n=30pcs
AVE : 0.094nA
1000
1100
1200
1300
1400
1500
Ta=25°C
f=1MHz
VR=0V
n=10pcs
AVE : 1312pF
10
100
1000
10000
0.1
1
10
0
5
10
15
20
25
30
No Break at 30kV
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT : IZ(mA)
ZZ -IZ CHARACTERISTICS
ESD DISPERSION MAP
C=100pF
R=1.5kW
C=200pF
R=0W
C=150pF
R=330W
6/6
2013.11 - Rev.H


Similar Part No. - KDZ4.7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KDZ4.7B DIODES-KDZ4.7B Datasheet
128Kb / 5P
   Zener diode
logo
Rohm
KDZ4.7B ROHM-KDZ4.7B Datasheet
115Kb / 5P
   Zener diode
KDZ4.7B ROHM-KDZ4.7B Datasheet
115Kb / 5P
   Zener diode
KDZ4.7B ROHM-KDZ4.7B Datasheet
116Kb / 5P
   Zener diode
KDZ4.7B ROHM-KDZ4.7B Datasheet
116Kb / 5P
   Zener diode
More results

Similar Description - KDZ4.7B

ManufacturerPart #DatasheetDescription
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com