Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPW60R280C6 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPW60R280C6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R280C6 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPW60R280C6 Datasheet HTML 1Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 2Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 3Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 4Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 5Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 6Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 7Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 8Page - Infineon Technologies AG IPW60R280C6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
 ,  = = :$ & ) G   ' = D3?*?/<@7@A= ?
=Ca-'D)/'6-
$ /E7; B; ?/A7<5@
$ A
F9D"9L91 @==L

0 =N         
)
$ /E7; B; ?/A7<5@
9L
'
^    ] ! MFD=KKGL
@=JOA
K= KH=;A
>A
=<
*/0:3
$ /E7; B; ?/A7<5@
' /?/; 3A3?
) F; 0= :
, /:B3@
+ <7A % = A3 *3@A = <27A7= <
@SX%
FbZ%
@Ka%
!GFLA
FMGMK<J9A
F ;MJJ=FL+$
  *A
E A
L=< : Q
'
^&aUl( + 9
PA
E ME <MLQ;Q;D= "   
%
>
'
'
+-(2
;
,
=   ] !
2(1
,
=    ] !
. MDK=< <J9A
F ;MJJ=FL,$
  . MDK= OA
<L@
,
d DA
E A
L=< : Q
'
^&aUl
%
>&di`gY
'
'
.*
;
,
=6,/ y=
 N9D9F;@= =F=J?Q KA
F?D= HMDK=
#
;M
'
'
,2.
aD
%
>6,(. ;&->>6/* P
K== L9: D=   
 N9D9F;@= =F=J?Q J=H=LA
LA
N=
#
;L
'
'
*(.-
%
>6,(. ;&->>6/* P
 N9D9F;@= ;MJJ=FL J=H=LA
LA
N=
%
;L
'
'
,(.
;
+ - 1 $ # 2 <N<LJM??=<F=KK
<N<L
 
4 FK -
>M6*(((.2* P
% 9L= KGMJ;= NGDL9?=
-
AM
',*
'
,*
P
ghUh]W
 
 
 ! >  & R
. GO=J<A
KKA
H9LA
GF >GJ
2-   2-   2-   2-   
(
hch
'
'
+*.
Q
,
=6,/ y=
. GO=J<A
KKA
H9LA
GF >GJ
2-    $ MDD.  )
(
hch
'
'
-,
- H=J9LA
F? 9F< KLGJ9?= L=E H=J9LMJ= ,
^&,gh[
'//
'
+/*
y=
+ GMFLA
F? LGJIM=
2-   2-   
 
, ;E
+  9F< +   K;J=OK
+ GMFLA
F? LGJIM=
2-    $ MDD.  )
 
+   K;J=OK
!GFLA
FMGMK<A
G<= >GJO9J< ;MJJ=FL
%
M
'
'
+,
;
,
=6,/ y=
"A
G<= HMDK= ;MJJ=FL,$
%
M&di`gY
'
'
.*
;
,
=6,/ y=
0 =N=JK= <A
G<= <N<L
-$
  '<=FLA
;9DDGO KA
<= 9F< @A
?@ KA
<= KOA
L;@ OA
L@ A
<=FLA
;9D
&
A
Xj)Xh
'
'
+/
P)bg
-
>M6*(((.** P&%1 "
# >&
,
^6,/ y=
+ 9PA
E ME <A
G<= ;GE E ML9LA
GF
gdYYX-$
X]
Z<L
  
 ^ K K== L9: D=   


Similar Part No. - IPW60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6 INFINEON-IPW60R280C6 Datasheet
2Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.1, 2010-02-09
IPW60R280C6 INFINEON-IPW60R280C6 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
logo
Inchange Semiconductor ...
IPW60R280C6 ISC-IPW60R280C6 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPW60R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com