Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5CA-1A4 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5CA-1A4
Description  Flat Relays that Switch 10A/15A Loads Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5CA-1A4 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5CA-1A4 Datasheet HTML 1Page - Omron Electronics LLC G5CA-1A4 Datasheet HTML 2Page - Omron Electronics LLC G5CA-1A4 Datasheet HTML 3Page - Omron Electronics LLC G5CA-1A4 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
G
5
C
A
G5CA
PCB Power Relay
Flat Relays that Switch
10A/15A Loads Power
• Ideal for switching power in household appliances or for
outputs from industrial devices.
• Subminiature dimensions: 16
× 22 × 11 mm (L × W × H).
• High-sensitivity models available with low power
consumption (150 mW).
• Standard model conforms to UL/CSA standards.
• Fully sealed models are available
• Quick-connect terminal models are also available (#187
load contact terminals).
■Model Number Legend
■Application Examples
• Small home appliances
■Ordering Information
■Rarings
●Coil
Note 1. The rated current and coil resistance are measured at a coil temperature of 23°C with a tolerance of
±10%.
2.The operating characteristics are measured at a coil temperature of 23°C.
3.The “maximum voltage” is the maximum voltage that can be applied to the relay coil.
●Contacts
RoHS Compliant
G5CA-1A@-@-@-@
—— —— ——
12 3 4
5
1. Number of Poles
1A: 1-pole/SPST-NO (1a)
2. Enclosure rating
None: Flux protection
4:
Fully sealed
3. Terminal Shape
None: PCB terminals
TP:
Quick-connect
terminals (#187)
4. Classification
None: Standard
E:
High-capacity
5. Coil consumption
None: Standard
H:
High-sensitivity
Enclosure
rating
Item
Contact form
Standard
High-sensitivity
High-capacity
Quick-connect terminals (#187)
Model
Rated coil
voltage
Minimum
packing unit
Model
Rated coil
voltage
Minimum
packing unit
Model
Rated coil
voltage
Minimum
packing unit
Model
Rated coil
voltage
Minimum
packing unit
Flux
protection
SPST-NO
(1a)
G5CA
-1A
5 VDC
20 pcs/tube
G5CA
-1A-H
5 VDC
20 pcs/tube
G5CA
-1A-E
5 VDC
20 pcs/tube
G5CA
-1A-TP-E
5 VDC
20 pcs/tube
12 VDC
12 VDC
12 VDC
12 VDC
24 VDC
24 VDC
24 VDC
24 VDC
Fully
sealed
G5CA
-1A4
5 VDC
G5CA
-1A4-H
5 VDC
Note 1. When ordering, add the rated coil voltage to the model number.
Note 2. Contact your OMRON representative for details on other coil
voltage specifications.
Note 3. High-capacity models with a fully sealed structure are not available.
Note 4. Standard or high-sensitivity models with quick-connect
terminals are not available.
12 VDC
12 VDC
24 VDC
24 VDC
Classification
Item
Rated voltage
Rated current
(mA)
Coil resistance
(
Ω)
Must-operate voltage
(V)
Must-release voltage
(V)
Max. voltage
(V)
Power consumption
(mW)
% of rated voltage
Standard,
high-capacity,
or quick-connect
terminals
5 VDC
40
125
75% max.
10% min.
150% (standard)/
130% (high-capacity,
quick-connect terminals)
(at 23°C)
Approx. 200
12 VDC
16.7
720
24 VDC
8.3
2,880
High-sensitivity
5 VDC
30
167
80% max.
10% min.
150%
(at 23°C)
Approx. 150
12 VDC
12.5
960
24 VDC
6.25
3,840
Classification
Standard
High-sensitivity
High-capacity, or quick-connect terminals
Item
Load
Resistive load
Inductive load
(cos
φ = 0.4, L/R = 7 ms)
Resistive load
Inductive load
(cos
φ = 0.4, L/R = 7 ms)
Resistive load
Inductive load
(cos
φ = 0.4, L/R = 7 ms)
Contact type
Single
Contact material
Ag-alloy (Cd free)
Rated load
10 A at 250 VAC;
10 A at 30 VDC
3 A at 250 VAC;
3 A at 30 VDC
10 A at 250 VAC;
10 A at 30 VDC
3 A at 250 VAC;
3 A at 30 VDC
15 A at 110 VAC;
10 A at 30 VDC
5 A at 110 VAC;
3 A at 30 VDC
Rated carry current
10 A
10 A
15 A
Max. switching voltage
250 VAC, 125 VDC
Max. switching current
10 A
10 A
15 A
Rated coil voltage
Example: G5CA-1A 5 VDC


Similar Part No. - G5CA-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5CA-1A4 OMRON-G5CA-1A4 Datasheet
361Kb / 8P
   PCB Relay
G5CA-1A4 OMRON-G5CA-1A4 Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G5CA-1A4-H OMRON-G5CA-1A4-H Datasheet
361Kb / 8P
   PCB Relay
G5CA-1A4-H OMRON-G5CA-1A4-H Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
More results

Similar Description - G5CA-1A4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5C OMRON-G5C Datasheet
523Kb / 4P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G4IDC5B OMRON-G4IDC5B Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
JC1AF-DC6V-F PANASONIC-JC1AF-DC6V-F Datasheet
155Kb / 5P
   Wide variation 1a 15A, 2a 10A power relays High inrush current capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com