Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4390C Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL4390C
Description  Triple 80 MHz Video Amplifier with DC Restore
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4390C Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL4390C Datasheet HTML 5Page - Elantec Semiconductor EL4390C Datasheet HTML 6Page - Elantec Semiconductor EL4390C Datasheet HTML 7Page - Elantec Semiconductor EL4390C Datasheet HTML 8Page - Elantec Semiconductor EL4390C Datasheet HTML 9Page - Elantec Semiconductor EL4390C Datasheet HTML 10Page - Elantec Semiconductor EL4390C Datasheet HTML 11Page - Elantec Semiconductor EL4390C Datasheet HTML 12Page - Elantec Semiconductor EL4390C Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL4390C
Triple 80 MHz Video Amplifier with DC Restore
Applications Information
Circuit Operation
Each channel of the EL4390 contains a current
feedback amplifier and a TTLCMOS compatible
clamp circuit The current that the clamp can
source or sink into the non-inverting input is ap-
proximately
I e (VCLAMP b VINa) 120
So when the non-inverting input is at the same
voltage as the clamp reference no current will
flow and hence no charge is added to the capaci-
tor When there is a difference in voltage current
will flow in an attempt to cancel the error AT
THE NON-INVERTING input The amplifier’s
offset voltage and (IBb c RF) DC errors are not
cancelled with this loop It is purely a method of
adding a controlled DC offset to the signal
As well as the offset voltage error which goes up
with gain and the IBb c RF error which drops
with gain there is also the IBa error term Since
the amplifier is capacitively coupled this small
current is slowly integrated and shows up as a
very slow ramp voltage Table below shows the
output voltage drift in 60
mS for various values of
coupling capacitor all assuming the very worst
IBa current
Table 1 Charge Storage Capacitor Value vs
Droop and Charging Rates
Cap Value
Droop in
Charge in
Charge in
(nF)
60mS (mV)
2mS (mV)
4mS (mV)
10
30
400
800
22
136
182
364
47
64
85
170
100
30
40
80
220
136
18
36
In normal circuit operation the picture content
will also cause a slow change in voltage across the
capacitor so at every back porch time period
these error terms can be corrected
When a signal source is being switched eg from
two different surveillance cameras it is recom-
mended to synchronize the switching with the
vertical blanking period and to drive the HOLD
pin (pin 6) low during these lines This will en-
sure that the system has been completely re-
stored regardless of the average intensity of the
two pictures
Application Hints
Figures12 shows a three channel DC-restoring
system suitable for R-G-B or Y-U-V component
video or three synchronous composite signals
Figure 1 shows the amplifiers configured for non-
inverting gain and Figure 2 shows the amplifiers
configured for inverting gains Note that since
the DC-restoring function is accomplished by
clamping the amplifier’s non-inverting input
during the back porch period any signal on the
non-inverting input will be distorted For this
reason it is recommended to use the inverting
configuration for composite video
since this
avoids the color burst being altered during the
clamp time period
Since all three amplifiers are monolithic they
run at the same temperature and will have very
similar input bias currents This can be used to
advantage in situations where the droop voltage
needs to be compensated since a single trim cir-
cuit can be used for all three channels A 560K
X
or similar value resistor helps to isolate each sig-
nal See Figure 2 The advantage of compensat-
ing for the droop voltage is that a smaller capaci-
tor can be used which allows a larger level resto-
ration within one line See Table 1 for values of
capacitor and chargedroop rates
9


Similar Part No. - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390CM INTERSIL-EL4390CM Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CM RENESAS-EL4390CM Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Intersil Corporation
EL4390CN INTERSIL-EL4390CN Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390CN RENESAS-EL4390CN Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
More results

Similar Description - EL4390C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
logo
Renesas Technology Corp
EL4390 RENESAS-EL4390 Datasheet
790Kb / 12P
   Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
   Video Buffer with Strobed DC Restore
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
   Video Buffer with Precision Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
   GT4124 Video Multiplier with Strobed DC Restore
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
   GB4571 Video Buffer with Precision Strobed DC Restore
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
   CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
   CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com