Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS83C530-ECL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS83C530-ECL
Description  EPROM/ROM Microcontrollers with Real-Time Clock
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS83C530-ECL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS83C530-ECL Datasheet HTML 2Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 3Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 4Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 5Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 6Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 7Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 8Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 9Page - Maxim Integrated Products DS83C530-ECL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
DS87C530/DS83C530 EPROM/ROM Microcontrollers with Real-Time Clock
6 of 45
PIN DESCRIPTION (continued)
PIN
PLCC
TQFP
NAME
FUNCTION
30
23
P2.0 (AD8)
31
24
P2.1 (AD9)
32
25
P2.2 (AD10)
33
26
P2.3 (AD11)
34
27
P2.4 (AD12)
35
28
P2.5 (AD13)
36
29
P2.6 (AD14)
37
30
P2.7 (AD15)
Port 2 (A8–A15), I/O. Port 2 is a bidirectional I/O port. The reset condition of
Port 2 is logic high. In this state, a weak pullup holds the port high. This condition
also serves as an input mode, since any external circuit that writes to the port will
overcome the weak pullup. When software writes a 0 to any port pin, the device
will activate a strong pulldown that remains on until either a 1 is written or a reset
occurs. Writing a 1 after the port has been at 0 will cause a strong transition driver
to turn on, followed by a weaker sustaining pullup. Once the momentary strong
driver turns off, the port again becomes both the output high and input state. As an
alternate function Port 2 can function as MSB of the external address bus. This
bus can be used to read external ROM and read/write external RAM memory or
peripherals.
15
8
P3.0
16
9
P3.1
17
10
P3.2
18
11
P3.3
19
12
P3.4
20
13
P3.5
21
14
P3.6
22
15
P3.7
Port 3, I/O. Port 3 functions as both an 8-bit, bi-directional I/O port and an
alternate functional interface for external interrupts, Serial Port 0, Timer 0 and 1
Inputs, and
RD and WR strobes. The reset condition of Port 3 is with all bits at a
logic 1. In this state, a weak pullup holds the port high. This condition also serves
as an input mode, since any external circuit that writes to the port will overcome
the weak pullup. When software writes a 0 to any port pin, the device will activate
a strong pulldown that remains on until either a 1 is written or a reset occurs.
Writing a 1 after the port has been at 0 will cause a strong transition driver to turn
on, followed by a weaker sustaining pullup. Once the momentary strong driver
turns off, the port again becomes both the output high and input state. The
alternate modes of Port 3 are outlined below.
Port
Alternate
Function
P3.0
RXD0
Serial Port 0 Input
P3.1
TXD0
Serial Port 0 Output
P3.2
INT0
External Interrupt 0
P3.3
INT1
External Interrupt 1
P3.4
T0
Timer 0 External Input
P3.5
T1
Timer 1 External Input
P3.6
WR
External Data Memory Write Strobe
P3.7
RD
External Data Memory Read Strobe
42
35
EA
External Access Input, Active Low. Connect to ground to use an external ROM.
Internal RAM is still accessible as determined by register settings. Connect to VCC
to use internal ROM.
51
44
VBAT
VBAT Input. Connect to the power source that maintains SRAM and RTC when
VCC < VBAT. Can be connected to a 3V lithium battery or a super cap. Connect to
GND if battery will not be used with device.
27
20
RTCX2
28
21
RTCX1
Timekeeping Crystals. A 32.768kHz crystal between these pins supplies the time
base for the RTC. The devices support both 6pF and 12.5pF load capacitance
crystals as selected by an SFR bit (described later). To prevent noise from
affecting the RTC, the RTCX2 and RTCX1 pins should be guard-ringed with
GND2.
2, 11, 13,
14, 40,
41
4, 6, 7,
33, 34,
47
N.C.
Not Connected. These pins should not be connected. They are reserved for use
with future devices in the family.


Similar Part No. - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-ECL MAXIM-DS83C530-ECL Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS83C530-ECL DALLAS-DS83C530-ECL Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS83C530-ECL DALLAS-DS83C530-ECL Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS83C530-ECL++ DALLAS-DS83C530-ECL+ Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
More results

Similar Description - DS83C530-ECL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS83C530-DS87C530 MAXIM-DS83C530-DS87C530 Datasheet
749Kb / 46P
   EPROM/ROM Microcontrollers with Real-Time Clock
logo
Dallas Semiconductor
DS87C530 DALLAS-DS87C530_05 Datasheet
866Kb / 47P
   EPROM/ROM Microcontrollers with Real-Time Clock
DS87C530 DALLAS-DS87C530_1 Datasheet
800Kb / 44P
   EPROM/ROM Micro with Real Time Clock
DS87C530 DALLAS-DS87C530 Datasheet
435Kb / 40P
   EPROM MICRO WITH REAL TIME CLOCK
DS83C520 DALLAS-DS83C520_07 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
DS87C520MCL DALLAS-DS87C520MCL Datasheet
877Kb / 44P
   EPROM/ROM High-Speed Microcontrollers
logo
Maxim Integrated Produc...
QX87C196KT16 MAXIM-QX87C196KT16 Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
DS87C520-QNL MAXIM-DS87C520-QNL Datasheet
715Kb / 43P
   EPROM/ROM High-Speed Microcontrollers
REV: 022207
logo
Texas Instruments
TMS320F280039C TI-TMS320F280039C_V02 Datasheet
5Mb / 250P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
MARCH 2022
TMS320F280039C TI-TMS320F280039C_V06 Datasheet
5Mb / 254P
[Old version datasheet]   TMS320F28003x Real-Time Microcontrollers
REVISED NOVEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com