Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11306-3 Datasheet(PDF) 1 Page - Anaren Microwave

Part # 11306-3
Description  Hybrid Couplers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

11306-3 Datasheet(HTML) 1 Page - Anaren Microwave

  11306-3 Datasheet HTML 1Page - Anaren Microwave 11306-3 Datasheet HTML 2Page - Anaren Microwave 11306-3 Datasheet HTML 3Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Available on Tape
and Reel For Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 544-2414
+44 2392-232392
Model 11306-3
Rev. A
Hybrid Couplers
3 dB, 90
°
Description
The 11306-3 is a low profile 3dB hybrid coupler in an easy to use surface
mount package covering 2.0 to 4.0 GHz. The 11306-3 is ideal for balanced
amplifiers and signal distribution and can be used in most high power
designs. Parts have been subjected to rigorous qualification testing and
units are 100% tested. They are manufactured using materials with x and y
thermal expansion coefficients compatible with common substrates such as
FR4, G-10 and polyamide.
ELECTRICAL SPECIFICATIONS**
Frequency
Isolation
Insertion
Loss
VSWR
GHz
dB Min
dB Max
Max:1
2.0 – 4.0
20
0.35
1.30
Amplitude
Balance
Phase
Balance
Power
ΘJC
Operating
Temp.
dB Max
Degrees
Ave. CW Watts
ºC/ Watt
ºC
Features:
2.0 – 4.0 GHz
Low loss
High Isolation
90o Quadrature
Surface Mountable
Tape And Reel
Convenient Package
100% Tested
± 0.55
± 5
60
24.6
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit
boards with 50
Ω nominal impedance. Specifications subject to change without notice.
Outline Drawing
11306-3 Rev A Mechanical Outline
Dimensions are in Inches [Millimeters]
Bottom View (Far-side)
Side View
Top View (Near-side)
.075±.008
[1.91±0.20]
.560±.010
[14.22±0.25]
.350±.010
[8.89±0.25]
.050±.008
[1.27±0.20]
.050±.008
[1.27±0.20]
Pin 4
Pin 4
Pin 3
Pin 1
Pin 2
Denotes
Array Number
GND
GND
Pin 2
Pin 1
Pin 3
.024±.004 TYP
[0.61±0.10]
Part Is Symmetric About All Axis


Similar Part No. - 11306-3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
11306-3S ANAREN-11306-3S Datasheet
352Kb / 2P
   Hybrid Couplers 3 dB, 90
More results

Similar Description - 11306-3

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1H0568-3 ANAREN-1H0568-3_14 Datasheet
142Kb / 4P
   Hybrid Couplers
10040-3 ANAREN-10040-3_14 Datasheet
227Kb / 4P
   Hybrid Couplers
10264-3 ANAREN-10264-3_14 Datasheet
297Kb / 3P
   Hybrid Couplers
logo
List of Unclassifed Man...
S03A1500W1 ETC-S03A1500W1 Datasheet
650Kb / 2P
   HYBRID COUPLERS
S03B700W1 ETC-S03B700W1 Datasheet
603Kb / 2P
   HYBRID COUPLERS
logo
Anaren Microwave
1A0230-3 ANAREN-1A0230-3 Datasheet
296Kb / 2P
   Hybrid Couplers
1E0320-3 ANAREN-1E0320-3 Datasheet
150Kb / 1P
   Hybrid Couplers
1R0260-3 ANAREN-1R0260-3 Datasheet
130Kb / 1P
   Hybrid Couplers
1R0263-3 ANAREN-1R0263-3 Datasheet
283Kb / 2P
   Hybrid Couplers
1Z0262-3 ANAREN-1Z0262-3 Datasheet
177Kb / 1P
   Hybrid Couplers
1Z0280-3 ANAREN-1Z0280-3 Datasheet
181Kb / 1P
   Hybrid Couplers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com