Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP1AGX90 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP1AGX90
Description  Package Information Datasheet for Mature Altera Devices
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP1AGX90 Datasheet(HTML) 2 Page - Altera Corporation

  EP1AGX90 Datasheet HTML 1Page - Altera Corporation EP1AGX90 Datasheet HTML 2Page - Altera Corporation EP1AGX90 Datasheet HTML 3Page - Altera Corporation EP1AGX90 Datasheet HTML 4Page - Altera Corporation EP1AGX90 Datasheet HTML 5Page - Altera Corporation EP1AGX90 Datasheet HTML 6Page - Altera Corporation EP1AGX90 Datasheet HTML 7Page - Altera Corporation EP1AGX90 Datasheet HTML 8Page - Altera Corporation EP1AGX90 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
2
Package Information Datasheet for Mature Altera Devices
Device and Package Cross Reference
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
Table 1 lists the Altera devices and the associated table locations.
Table 1. Mature Altera Device and Package Cross Reference
Altera Device
Table locations
Arria® series FPGAs
Arria GX Devices: Table 2 on page 3
Stratix® series FPGAs
Stratix II Devices: Table 3 on page 3
Stratix Devices: Table 4 on page 5
Cyclone® series FPGAs
Cyclone II Devices: Table 5 on page 7
Cyclone Devices: Table 6 on page 8
MAX® series CPLDs
MAX 9000 Devices: Table 7 on page 8
MAX 7000 Devices: Table 8 on page 9
MAX 3000A Devices: Table 9 on page 10
HardCopy® series ASICs
HardCopy II Devices: Table 10 on page 11
HardCopy Devices: Table 11 on page 11
HardCopy APEX Devices: Table 12 on page 12
APEX™ series FPGAs
APEX II Devices: Table 13 on page 13
APEX 20KE Devices: Table 14 on page 13
APEX 20KC Devices: Table 15 on page 15
APEX 20K Devices: Table 16 on page 15
ACEX® 1K FPGAs
ACEX 1K Devices: Table 17 on page 16
Mercury™ FPGAs
Mercury Devices: Table 18 on page 17
FLEX® series FPGAs
FLEX 10KA Devices: Table 19 on page 17
FLEX 10KS Devices: Table 20 on page 18
FLEX 10KE Devices: Table 21 on page 18
Excalibur™ FPGAs
Excalibur Devices: Table 22 on page 21
Configuration devices
Configuration Devices: Table 23 on page 22
Enhanced configuration devices
Enhanced Configuration Devices: Table 24 on page 22


Similar Part No. - EP1AGX90

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1AGX90 ALTERA-EP1AGX90 Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 234P
   Section I. Arria GX Device Data Sheet
EP1AGX90CF1152C6N ALTERA-EP1AGX90CF1152C6N Datasheet
3Mb / 234P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers
EP1AGX90CF1152I6N ALTERA-EP1AGX90CF1152I6N Datasheet
3Mb / 296P
   The ArriaTM GX family of devices combines 3.125 gigabits per second (Gbps) serial transceivers with reliable packaging technology
More results

Similar Description - EP1AGX90

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1K30TC144-1N ALTERA-EP1K30TC144-1N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP1K30TC144-2N ALTERA-EP1K30TC144-2N Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
   Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
logo
Agilent(Hewlett-Packard...
N5434A HP-N5434A Datasheet
895Kb / 8P
   FPGA Dynamic Probe for Altera
logo
Altera Corporation
EP4SGX290NF45C2N ALTERA-EP4SGX290NF45C2N Datasheet
1Mb / 82P
   Device Datasheet and Addendum for Stratix IV Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com