Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2280C Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2280C
Description  250MHz / 3mA Current Mode Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2280C Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2280C Datasheet HTML 1Page - Elantec Semiconductor EL2280C Datasheet HTML 2Page - Elantec Semiconductor EL2280C Datasheet HTML 3Page - Elantec Semiconductor EL2280C Datasheet HTML 4Page - Elantec Semiconductor EL2280C Datasheet HTML 5Page - Elantec Semiconductor EL2280C Datasheet HTML 6Page - Elantec Semiconductor EL2280C Datasheet HTML 7Page - Elantec Semiconductor EL2280C Datasheet HTML 8Page - Elantec Semiconductor EL2280C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
EL2180C/EL2280C/EL2480C-Preliminary
250MHz / 3mA Current Mode Feedback Amplifiers
Typical Performance Curves
Non-Inverting Frequency
Response (Gain)
(PDIP and SOIC Packages)
Non–Inverting Frequency
Response (Phase)
(PDIP and SOIC Packages)
Frequency Response
for Various RF and RG
(PDIP and SOIC Packages)
Inverting Frequency
Response (Gain)
(PDIP and SOIC Packages)
Inverting Frequency
Response (Phase)
(PDIP and SOIC Packages)
Frequency Response
for Various RL and CL
(PDIP and SOIC Packages)
Frequency Response for
Various CIN-
PSRR and CMRR
vs Frequency
Transimpedance (ROL) vs
Frequency


Similar Part No. - EL2280C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2280CN INTERSIL-EL2280CN Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
EL2280CS INTERSIL-EL2280CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
EL2280CS-T13 INTERSIL-EL2280CS-T13 Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
EL2280CS-T7 INTERSIL-EL2280CS-T7 Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2280C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
   250MHz/3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com