Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4083CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL4083CS
Description  Current Mode Four Quadrant Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4083CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL4083CS Datasheet HTML 1Page - Elantec Semiconductor EL4083CS Datasheet HTML 2Page - Elantec Semiconductor EL4083CS Datasheet HTML 3Page - Elantec Semiconductor EL4083CS Datasheet HTML 4Page - Elantec Semiconductor EL4083CS Datasheet HTML 5Page - Elantec Semiconductor EL4083CS Datasheet HTML 6Page - Elantec Semiconductor EL4083CS Datasheet HTML 7Page - Elantec Semiconductor EL4083CS Datasheet HTML 8Page - Elantec Semiconductor EL4083CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
EL4083C
Current Mode Four Quadrant Multiplier
Electrical Characteristics
Contd (TA e 25 C VS e g5 IZ e 16 mA) unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Test
Units
Level
Inputs (IX IY)
Full Scale Range
FRS e 125 c IZ (Nominal)
g
2I
mA
Clipping Level
CL e 2 c IZ
285
32
I
mA
ZIN (IX)30
40
48
I
X
ZIN (IY)30
36
48
I
X
Input Offset Voltages
at Input Pins IZ e 16 mA
b
4
a
4mV
(VOSX VOSY)IZ e 02 mA
b
12
a
12
mV
Input Offset Currents (Note 5)
RSX e RSY e 1K VX e VY e 0
g
10
g
40
I
mA
IXOS IYOS
TMIN to TMAX
g
20
V
nA C
Nonlinearity
IX
IY e 2 mA b 2mA k IX k 2 mA
01
06
I
%FS
IY
IX e 2 mA b 2mA k IY k 2 mA
01
04
I
%FS
Distortion IX (to IXY or IXY)IY e 2 mA b 2mA k IX k 2mA
f e 358 MHz
b
55
V
dB
f e 100 MHz
b
25
V
dB
Distortion IY (to IXY or IXY)IX e 2 mA b 2mA k Iy k 2mA
f e 358 MHz
b
56
V
dB
f e 100 MHz
b
26
V
dB
Distortion IX (to (IXY b IXY)IY e 2 mA b2mA k IX k 2mA
f e 358 MHz
b
66
V
dB
f e 100 MHz
b
35
V
dB
Distortion IY (to (IXY b IXY)IX e 2 mA b2mA k IY k 2mA
f e 358 MHz
b
66
V
dB
f e 100 MHz
b
34
V
dB
Diff Gain
358 MHz
IX
IZ e 02 mA IY e 025 mA
02
V
%
IY
IZ e 02 mA IX e 025 mA
017
V
%
IX
IZ e 16 mA IY e 2 mA
01
V
%
IY
IZ e 16 mA IX e 2 mA
005
V
%
Diff Phase
358 MHz
IX
IZ e 02 mA IY e 025 mA
05
V
deg
IY
IZ e 02 mA IX e 025 mA
05
V
deg
IX
IZ e 16 mA IY e 2 mA
005
V
deg
IY
IZ e 16 mA IX e 2 mA
005
V
deg
Outputs (IXY IYX)
Output IOS (Note 5)
IX e IY e 0
b
15
g
120
I
mA
Diff Output IOS (Note 5)
IX e IY e 0 (IXY–IXY)
g
01
g
80
I
mA
Voltage Compliance
g
15
g
20
V
V
Max Output Current Swing
g
285
g
32
I
mA
Noise Spectral Density
10 Hz k f k 10 MHz
RL e 50X
125
V
pArootHz
IZ (Bias)
Current Range
Tested
02
16
I
mA
Input Voltage
IZ e 02 mA
g
25
I
mV
Input Voltage
IZ e 16 mA
g
25
I
mV
Note 1 Error is defined as the maximum deviation from the ideal transfer function expressed as a percentage of the full scale
output
Note 2 Linearity is defined as the error remaining after compensating for scale factor (gain) variation and input and output referred
offset errors
Note 3 Bandwidth is guaranteed using the squaring mode test circuit of Figure 4
Note 4 Relative to full scale output with full scale sinewave on signal input and zero port input nulled Specification represents
feedthrough of the fundamental
Note 5 Specifications are provisional for the EL4083
3


Similar Part No. - EL4083CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4083CS INTERSIL-EL4083CS Datasheet
165Kb / 14P
   Current Mode Four Quadrant Multiplier
More results

Similar Description - EL4083CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4083 INTERSIL-EL4083 Datasheet
165Kb / 14P
   Current Mode Four Quadrant Multiplier
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Intersil Corporation
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com