Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2410CS-T13 Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2410CS-T13
Description  Low Cost, Dual, Triple and Quad Video Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2410CS-T13 Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2410CS-T13 Datasheet HTML 1Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 2Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 3Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 4Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 5Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 6Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 7Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 8Page - Elantec Semiconductor EL2410CS-T13 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
EL2210C/11C, EL2310C/11C, EL2410C/11C
Low Cost, Dual, Triple and Quad Video Op Amps
Absolute Maximum Ratings (T
A = 25°C)
Total Voltage Supply
18V
Input Voltage
±VS
Differential Input Voltage
6V
Peak Output Current
75mA (per amplifier)
Power Dissipation
See Curves
Storage Temperature Range
-65°C to +150°C
Operating Temperature Range
-40°C to +85°C
Die Junction Temperature
+150°C
EL2210C, EL2310C, EL2410C - DC Electrical Characteristics
VS = ±5V, RL = 1kΩ, TA = 25°C unless otherwise noted.
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOS
Input Offset Voltage
10
20
mV
EL2310C only
10
25
mV
EL2311C only
5
25
mV
TCVOS
Average Offset Voltage Drift [1]
1. A heat-sink is required to keep junction temperature below absolute maximum when an output is shorted
-25
µV/°C
IB
Input Bias Current
-15
-7
-3
µA
IOS
Input Offset Current
0.5
1.5
µA
TCIOS
Average Offset Current Drift [1]
-7
nA/°C
AVOL
Open-Loop Gain
VOUT = ±2V, RL = 1kΩ
160
250
V/V
VOUT = +2V/0V, RL = 150Ω
160
250
PSRR
Power Supply Rejection
VS = ±4.5V to ±5.5V
50
60
dB
CMRR
Common Mode Rejection
VCM = ±2.4V, VOUT = 0V
60
80
dB
CMIR
Common Mode Input Range
VS = ±5V
-5/+3
V
VOUT
Output Voltage Swing
RL = RF= 1kΩ RL to GND
-2.5
-3, 3
2.7
V
RL = RF = 1kΩ +150¾ to GND
-0.45
-0.6, 2.9
2.5
RL = RF = 1kΩ RL to VEE
-4.95
3
ISC
Output Short Circuit Current
Output to GND (Note 1)
75
125
mA
IS
Supply Current
No Load (per channel)
5.5
6.8
10
mA
RIN
Input Resistance
Differential
150
k
Common Mode
1.5
M
CIN
Input Capacitance
AV = +1 @ 10MHz
1
pF
ROUT
Output Resistance
0.150
PSOR
Power Supply Operating Range
Dual Supply
±4.5
±6.5
V
Single Supply
9
13
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.


Similar Part No. - EL2410CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2410CS-T13 INTERSIL-EL2410CS-T13 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results

Similar Description - EL2410CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Maxim Integrated Produc...
MAX4030E MAXIM-MAX4030E Datasheet
392Kb / 12P
   Low-Cost, 144MHz, Dual/Triple Op Amps with 짹15kV ESD Protection
19-3570; Rev 1; 6/05
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com