Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-008955 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008955
Description  GaAs SP3T Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008955 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008955 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008955 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
GaAs SP3T Switch
DC - 3.5 GHz
Rev. V2
MASW-008955
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Insertion Loss
Truth Table 10,11,12
V1
V2
V3
RFC -
RF1
RFC -
RF2
RFC -
RF3
1
0
0
On
Off
Off
0
1
0
Off
On
Off
0
0
1
Off
Off
On
10. 0 = 0 V ± 0.2 V, 1 = 1.8 V to +5 V, minimum VHI-VLO = 1.8 V,
maximum VHI-VLO = 8.5 V.
11. For use at low voltage, M/A-COM recommends connecting
pin 2 to a voltage equal to the most positive control voltage.
12. Negative control voltage may be used. The ‘1’ in the table
would be the most positive (0 V) and the ‘0’ would be the
most negative (-3 V for example).
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Isolation
Return Loss
-40
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
1.0
1.5
2.0
2.5
3.0
3.5
RF1
RF2
RF3
Frequency (GHz)
-35
-30
-25
-20
-15
-10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Return Loss (dB)
Output Return Loss (dB)
Frequency (GHz)
Typical Performance Curves


Similar Part No. - MASW-008955

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
   GaAs SP3T Switch DC - 3.5 GHz
MASW-008955-001SMB MA-COM-MASW-008955-001SMB Datasheet
135Kb / 4P
   GaAs SP3T Switch DC - 3.5 GHz
MASW-008955-001SMB MA-COM-MASW-008955-001SMB Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-008955-TR1000 MA-COM-MASW-008955-TR1000 Datasheet
135Kb / 4P
   GaAs SP3T Switch DC - 3.5 GHz
MASW-008955-TR1000 MA-COM-MASW-008955-TR1000 Datasheet
642Kb / 5P
   GaAs SP3T Switch
More results

Similar Description - MASW-008955

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
   GaAs SP3T Switch
MASW-010612 MA-COM-MASW-010612 Datasheet
130Kb / 4P
   GaAs SP3T Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
   Bumped GaAs SP3T Switch
MASW-009276-001DIE MA-COM-MASW-009276-001DIE Datasheet
290Kb / 5P
   Bumped GaAs SP3T Switch
MASW-007074-000100 MA-COM-MASW-007074-000100 Datasheet
110Kb / 4P
   GaAs SP3T Absorptive Switch
logo
New Japan Radio
NJG1655SCC NJRC-NJG1655SCC Datasheet
170Kb / 8P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
   GaAs SP3T 2.5 V Switch
logo
New Japan Radio
NJG1655ME7 NJRC-NJG1655ME7 Datasheet
308Kb / 9P
   X-SP3T SWITCH GaAs MMIC
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
   GaAs DC-2.5 GHz SP3T Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com