Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2360C Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL2360C
Description  Triple 130 MHz Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2360C Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL2360C Datasheet HTML 7Page - Elantec Semiconductor EL2360C Datasheet HTML 8Page - Elantec Semiconductor EL2360C Datasheet HTML 9Page - Elantec Semiconductor EL2360C Datasheet HTML 10Page - Elantec Semiconductor EL2360C Datasheet HTML 11Page - Elantec Semiconductor EL2360C Datasheet HTML 12Page - Elantec Semiconductor EL2360C Datasheet HTML 13Page - Elantec Semiconductor EL2360C Datasheet HTML 14Page - Elantec Semiconductor EL2360C Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL2360C
Triple 130 MHz Current Feedback Amplifier
Applications Information
Product Description
The EL2360C is a triple current feedback ampli-
fier that offers wide bandwidth and good video
specifications at moderately low supply currents
It is built using Elantec’s proprietary compli-
mentary bipolar process and is offered in both a
16 pin PDIP and SOIC packages Due to the cur-
rent feedback architecture
the EL2360C clo-
sedbloop b3 dB bandwidth is dependent on the
value of the feedback resistor First the desired
bandwidth is selected by choosing the feedback
resistor RF and then the gain is set by picking a
gain resistor RG The curves at the beginning of
the Typical Performance Curves section show the
effect of varying both RF and RG The b3dB
bandwidth is somewhat dependent on the power
supply voltage
As the supply voltage is de-
creased internal junction capacitances increase
causing a reduction in the closed loop bandwidth
To compensate for this smaller values of feed-
back resistor can be used at lower supply volt-
ages
Power Supply Bypassing and Printed
Circuit Board Layout
As with any high-frequency device good printed
circuit board layout is necessary for optimum
performance Ground plane construction is high-
ly recommended Lead lengths should be as short
as possible preferably below
’’ The power sup-
ply pins must be well bypassed to reduce the risk
of oscillation The combination of a 10
mF tanta-
lum capacitor in parallel with a 001
mF ceramic
capacitor has been shown to work well when
placed at each supply pin
For good AC performance parasitic capacitance
should be kept to a minimum especially at the
inverting input (see the Capacitance at the In-
verting Input section) This implies keeping the
ground plane away from this pin Carbon or Met-
al-Film resistors are acceptable with the Metal-
Film resistors giving slightly less peaking and
bandwidth because of their additional series in-
ductance Use of sockets particularly for the SO
package should be avoided if possible Sockets
add parasitic inductance and capacitance which
will result in some additional peaking and over-
shoot
Capacitance at the Inverting Input
Any manufacturer’s high-speed voltage- or cur-
rent-feedback amplifier can be affected by stray
capacitance at the inverting input The character-
istic curve of gain vs frequency with variations
in CINb emphasizes this effect The curve illus-
trates how the bandwidth can be extended to be-
yond 200 MHz with some additional peaking
with an additional 2pF of capacitance at the
VINb pin For inverting gains this parasitic ca-
pacitance has little effect because the inverting
input is a virtual ground but for non-inverting
gains this capacitance (in conjunction with the
feedback and gain resistors) creates a pole in the
feedback path of the amplifier This pole if low
enough in frequency has the same destabilizing
effect as a zero in the forward open-loop re-
sponse The use of large value feedback and gain
resistors further exacerbates the problem by fur-
ther lowering the pole frequency
Feedback Resistor Values
The EL2360C has been designed and specified at
a gain of a2 with RF e 560X This value of
feedback resistor yields relatively flat frequency
response with little to no peaking out to 130
MHz Since the EL2360C is a current-feedback
amplifier it is also possible to change the value
of RF to get more bandwidth As seen in the
curve of Frequency Response For Various RF
and RG bandwidth and peaking can be easily
modified by varying the value of the feedback
resistor For example by reducing RF to 430X
bandwidth can be extended to 170 MHz with un-
der 1 dB of peaking Further reduction of RF to
360
X increases the bandwidth to 195 MHz with
about 25 dB of peaking
Bandwidth vs Temperature
Whereas many amplifier’s supply current and
consequently b3 dB bandwidth drop off at high
temperature the EL2360C was designed to have
little supply current variation with temperature
An immediate benefit from this is that the b3
dB bandwidth does not drop off drastically with
temperature With VS e g15V and AV ea2
the bandwidth varies only from 150 MHz to 110
MHz over the entire die junction temperature
range of b50 C k T k 150 C
11


Similar Part No. - EL2360C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2360CN INTERSIL-EL2360CN Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
EL2360CS INTERSIL-EL2360CS Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
More results

Similar Description - EL2360C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
   Dual/Quad 130 MHz Current Feedback Amplifiers
EL5392C ELANTEC-EL5392C Datasheet
320Kb / 15P
   Triple 600MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2360 INTERSIL-EL2360 Datasheet
279Kb / 14P
   Triple 130MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Elantec Semiconductor
EL5393C ELANTEC-EL5393C Datasheet
315Kb / 15P
   Triple 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
   1GHz Triple Current Feedback Amplifier
logo
Texas Instruments
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com