Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2228CS-T13 Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2228CS-T13
Description  Dual Low Noise Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2228CS-T13 Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2228CS-T13 Datasheet HTML 1Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 2Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 3Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 4Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 5Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 6Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 7Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 8Page - Elantec Semiconductor EL2228CS-T13 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
EL2228C - Preliminary
Dual Low Noise Amplifier
Typical Performance Curves
Non-inverting Frequency Response for Various
Input Signal Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
Frequency (Hz)
100M
Non-inverting Frequency Response for Various CL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
VS=±12V
RF=420Ω
RL=500Ω
AV=+1
100M
Non-inverting Frequency Response for Various
Output DC Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
100M
Non-inverting Frequency Response for Various RL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
Frequency (Hz)
100M
10M
VS=±12V
AV=+1
RF=420Ω
10M
RL=150Ω
RL=500Ω
RL=50Ω
RL=1kΩ
CL=30pF
CL=3pF
CL=10pF
VS=±12V
RF=420Ω
RL=500Ω
AV=+1
VO=+10
VO=0
VO=-10
VO=-5
VO=+5
VIN=100mVPP
VIN=1VPP
VIN=500mVPP
VIN=2VPP
-3dB Bandwidth vs ±Supply Voltage for Non-
inverting Gains
80
60
40
20
0
2.5
4.5
8.5
Supply Voltage (±V)
12.5
VS=±12V
RF=420Ω
RL=500Ω
AV=+1
6.5
10.5
G=1
G=2
G=5
G=10
-3dB Bandwidth vs ±Supply Voltage for Inverting
Gains
25
15
10
5
0
2.5
Supply Voltage (±V)
20
8.5
4.5
12.5
VS=±12V
RF=420Ω
RL=500Ω
AV=+1
G=-1
G=-2
G=-5
G=-10
10.5
6.5
VS=±12V
RF=420Ω
RL=500Ω
AV=+1


Similar Part No. - EL2228CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2228CS-T13 INTERSIL-EL2228CS-T13 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228CS-T13 INTERSIL-EL2228CS-T13 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228CS-T13 RENESAS-EL2228CS-T13 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results

Similar Description - EL2228CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
237Kb / 12P
   DUAL, LOW NOISE OPERATIONAL AMPLIFIER
1996 REV 0
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com