Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007107 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007107
Description  GaAs Broadband SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007107 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007107 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007107 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007107 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007107 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband SPDT Switch
DC - 8.0 GHz
Rev. V5
MASW-007107
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 3 V, 8 pF Capacitor
8,9
8. For positive voltage control, external DC blocking capacitors are required on all RF ports.
9. Electrical minimum and maximum specifications are guaranteed in final package assembly only.
10.Insertion loss can be optimized by varying the DC blocking capacitor value.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 10
2.0 - 6.0 GHz
6.0 - 8.0 GHz
dB
dB
0.50
0.75
0.8
Isolation
2.4 GHz
5.3 GHz
5.8 GHz
6.0 - 8.0 GHz
dB
dB
dB
dB
24
28
25
29
33
30
20
Return Loss
DC - 8.0 GHz
dB
16
Input IP2
Two Tone, +5 dBm / Tone, 5 MHz Spacing
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
92
83
85
Two Tone, +5 dBm / Tone, 10 MHz Spacing
2.4 GHz (3V)
5.8 GHz (3V)
2.4 GHz (5V)
5.8 GHz (5V)
dBm
dBm
dBm
dBm
54
49
55
51
Two Tone, +15 dBm / Tone, 10 MHz Spacing
2.4 GHz (3V)
5.8 GHz (3V)
2.4 GHz (5V)
5.8 GHz (5V)
dBm
dBm
dBm
dBm
57
54
59
58
Input P0.1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
26
26
25
Input P1dB
2.4 GHz
5.3 GHz
5.8 GHz
dBm
dBm
dBm
30.5
29.5
27
Linear Pout
2.4 GHz, OFDM, QAM-64,54 Mbps, EVM = 2.5%
3 V
5 V
8 V
dBm
dBm
dBm
21
27.5
30
2nd Harmonic
2.4 GHz, PIN = +20 dBm
5.3 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBc
dBc
dBc
-80
-71
-71
3rd Harmonic
2.4 GHz, PIN = +20 dBm
5.3 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBc
dBc
dBc
-83
-71
-72
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
ns
13
Ton, Toff
50% control to 90% RF and 50% control to 10% RF
ns
35
Transients
mV
14
Control Current
|VC| = 3 V
µA
1
5
RON
t > 90 ms after OFF to ON Switching (settled)
2.50
Gate Lag
|ΔRon| between 15 µs and 90 ms after OFF to ON Switching
0.15
Input IP3


Similar Part No. - MASW-007107

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007107 MACOM-MASW-007107 Datasheet
193Kb / 4P
   GaAs Broadband SPDT Switch DC - 8.0 GHz
logo
M/A-COM Technology Solu...
MASW-007107 MA-COM-MASW-007107 Datasheet
157Kb / 4P
   GaAs Broadband SPDT Switch DC - 8.0 GHz
logo
Tyco Electronics
MASW-007107-000DIE MACOM-MASW-007107-000DIE Datasheet
193Kb / 4P
   GaAs Broadband SPDT Switch DC - 8.0 GHz
logo
M/A-COM Technology Solu...
MASW-007107-000DIE MA-COM-MASW-007107-000DIE Datasheet
157Kb / 4P
   GaAs Broadband SPDT Switch DC - 8.0 GHz
MASW-007107-000DIE MA-COM-MASW-007107-000DIE Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
More results

Similar Description - MASW-007107

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0093 MA-COM-MASWSS0093_15 Datasheet
82Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0070_V5 MA-COM-MASWSS0070_V5 Datasheet
126Kb / 5P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588_15 Datasheet
550Kb / 4P
   GaAs Broadband SPDT Switch
MASW-007107 MA-COM-MASW-007107_15 Datasheet
718Kb / 6P
   GaAs Broadband SPDT Switch
MASW-007588 MA-COM-MASW-007588 Datasheet
73Kb / 3P
   GaAs Broadband SPDT Switch
MASWSS0202 MA-COM-MASWSS0202_15 Datasheet
664Kb / 5P
   GaAs Broadband SPDT Switch
logo
Tyco Electronics
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MA-COM-MASWSS0202 Datasheet
103Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com