Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-007075-000100 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007075-000100
Description  GaAs SPDT Absorptive Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007075-000100 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007075-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007075-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007075-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-007075-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Absorptive Switch with
ASIC Driver, DC-3.0 GHz
Rev. V4
MASW-007075-000100
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
DC - 3.0 GHz
dB
1.8
2.2
Isolation
(All arms off)
DC - 3.0 GHz
dB
33
36
VSWR
DC - 3.0 GHz
On
Off
1.7:1
2.1:1
2.2:1
2.2:1
Trise
Tfall
Ton
Toff
Transients
10%/90%, 90%/10% 1
50% TTL to 90%/10% RF
In-band (peak to peak)
ns
ns
mV
—-
15
50
50
50
150
150
1 dB Compression
.05 GHz
.5 - 3.0 GHz
dBm
dBm
+20
+27
Input IP3
Two tone inputs
0.05 GHz
up to +5 dBm 0.5 - 3.0 GHz
dBm
dBm
+35
+46
VCC
V
+4.5
+5.0
+5.5
VEE
V
-8.0
-5.0
-4.75
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
V
V
0.0
2.0
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
uA
-1.0
1.0
Icc
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
250
400
∆Icc
(Additional Supply Current Per
TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
mA
1.0
IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
1. Decoupling capacitors (.01 µF) are required on the power supply lines.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 3.0 GHz4
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +125ºC
2. Exceeding any one or combination of these limits may
cause permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
4. When the RF input is applied to the terminated port, the
absolute maximum power is +30 dBm.
5. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table
TTL Control Input
C1
C2
RF1
RF2
1
0
On
Off
0
1
Off
On
RF Common To:


Similar Part No. - MASW-007075-000100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007075-000100 MACOM-MASW-007075-000100 Datasheet
196Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
117Kb / 4P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007075-000100 MA-COM-MASW-007075-000100 Datasheet
637Kb / 5P
   GaAs SPDT Absorptive Switch with ASIC Driver, DC-3.0 GHz
More results

Similar Description - MASW-007075-000100

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
202Kb / 5P
   GaAs SPDT Switch, Absorptive
logo
Agilent(Hewlett-Packard...
MGS-71008 HP-MGS-71008 Datasheet
53Kb / 5P
   Absorptive SPDT GaAs MMIC Switch
logo
Honeywell Solid State E...
HRF-SW1001 HONEYWELL-HRF-SW1001 Datasheet
64Kb / 6P
   SPDT Absorptive RF Switch
HRF-SW1000 HONEYWELL-HRF-SW1000 Datasheet
65Kb / 6P
   SPDT Absorptive RF Switch
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
   SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Tyco Electronics
SW90-0002 MACOM-SW90-0002 Datasheet
237Kb / 3P
   GaAs SPDT Switch, Absorptive, Single Supply, DC - 4 GHz
logo
M/A-COM Technology Solu...
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
   GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
   GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
logo
Teledyne Technologies I...
TDSW020A2T TELEDYNE-TDSW020A2T Datasheet
2Mb / 10P
   dc - 20 GHz Absorptive GaAs SPDT
November 11, 2021
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
   Absorptive High Isolation SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com