Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2245C Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2245C
Description  Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2245C Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2245C Datasheet HTML 2Page - Elantec Semiconductor EL2245C Datasheet HTML 3Page - Elantec Semiconductor EL2245C Datasheet HTML 4Page - Elantec Semiconductor EL2245C Datasheet HTML 5Page - Elantec Semiconductor EL2245C Datasheet HTML 6Page - Elantec Semiconductor EL2245C Datasheet HTML 7Page - Elantec Semiconductor EL2245C Datasheet HTML 8Page - Elantec Semiconductor EL2245C Datasheet HTML 9Page - Elantec Semiconductor EL2245C Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
EL2245C, EL2445C
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
Gain-Bandwidth Product
vs Supply Voltage
Open-Loop Gain
vs Supply Voltage
Slew-Rate vs
Supply Voltage
Voltage Swing
vs Load Resistance
Open-Loop Gain
vs Load Resistance
Bias and Offset Current
vs Input Common-Mode Voltage
Offset Voltage
vs Temperature
Bias and Output
Current vs Temperature
Supply Current
vs Temperature
Slew Rate vs
Temperature
Open-Loop Gain PSRR
and CMRR vs Temperature
Gain-Bandwidth Product
vs Temperature


Similar Part No. - EL2245C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2245CN INTERSIL-EL2245CN Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS INTERSIL-EL2245CS Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS-T13 INTERSIL-EL2245CS-T13 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2245CS-T7 INTERSIL-EL2245CS-T7 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
More results

Similar Description - EL2245C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2445 INTERSIL-EL2445 Datasheet
244Kb / 12P
   Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2244 RENESAS-EL2244 Datasheet
761Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
EL2111 INTERSIL-EL2111 Datasheet
102Kb / 6P
   Low Cost, Gain of 2, Video Op Amp
logo
ADDtek Corp
AMC2244 ADDTEK-AMC2244 Datasheet
425Kb / 11P
   DUAL/Triple/QUAD LOW-POWER 60MHz UNITY-GAIN STABLE OP AMPLIFIERS
JUNE 2006
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
KODENSHI_AUK CORP.
SN324 KODENSHI-SN324 Datasheet
372Kb / 8P
   Low Power Quad OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com