Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2227CY-T7 Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2227CY-T7
Description  Dual Very Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CY-T7 Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2227CY-T7 Datasheet HTML 6Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 7Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 8Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 9Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 10Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 11Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 12Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 13Page - Elantec Semiconductor EL2227CY-T7 Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
0.9
0.8
0.6
0.4
0.2
0
0
100
Ambient Temperature (°C)
150
25
125
75
50
0.7
0.5
0.3
0.1
85
781mW
607mW
θ
JA=16
0°C
/W
θ
JA=206
°C/W
SO
8
MSO
P8


Similar Part No. - EL2227CY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227CY-T7 INTERSIL-EL2227CY-T7 Datasheet
294Kb / 14P
   Dual Very Low Noise Amplifier
More results

Similar Description - EL2227CY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2227 INTERSIL-EL2227_07 Datasheet
294Kb / 14P
   Dual Very Low Noise Amplifier
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Intersil Corporation
EL2227 INTERSIL-EL2227 Datasheet
441Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
   DUAL VERY LOW NOISE PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com