Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MASW-003103-1364 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-003103-1364
Description  HMICTM Silicon PIN Diode SP3T Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-003103-1364 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASW-003103-1364 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MASW-003103-1364 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HMICTM Silicon PIN Diode SP3T Switch
50 MHz - 20 GHz
Rev. V2
MASW-003103-1364
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Handling Procedures
Attachment to a circuit board is made simple through the use of standard surface mount technology. Mounting
pads are conveniently located on the bottom surface of these devices and are removed from the active junction
locations. These devices are well suited for solder attachment onto hard and soft substrates. The use of
80Au/20Sn, or RoHS compliant solders is recommended. For applications where the average power is ≤ 1W,
conductive silver epoxy may also be used. Cure per manufacturers recommended time and temperature. Typi-
cally 1 hour at 150°C.
When soldering these devices to a hard substrate, a solder re-flow method is preferred. A vacuum tip pick-up
tool and a force of 60 to100 grams applied to the top surface of the device while placing the chip is recom-
mended. When soldering to soft substrates, such as Duroid, it is recommended to use a soft solder at the circuit
board to mounting pad interface to minimize stress due to any TCE mismatches that may exist. Position the die
so that its mounting pads are aligned with the circuit board mounting pads. Solder reflow should not be per-
formed by causing heat to flow through the top surface of the die to the back. Since the HMIC glass is transpar-
ent, the edges of the mounting pads can be visually inspected through the die after attachment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS compliant solders is provided in Application Note M538 ,
“Surface Mounting Instructions“ and can viewed on the MA-COM Technology Solutions website @
www.macomtech.com


Similar Part No. - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
419Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
419Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-13640G MA-COM-MASW-003103-13640G Datasheet
1Mb / 9P
   Low Parasitic Capacitance and Inductance
More results

Similar Description - MASW-003103-1364

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
419Kb / 8P
   HMICTM Silicon PIN Diode SP3T Switch 50 MHz - 20 GHz
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MSW310X-310 MA-COM-MSW310X-310 Datasheet
1Mb / 15P
   SP3T PIN Diode Switch
MSW3103-310 MA-COM-MSW3103-310 Datasheet
1Mb / 14P
   SP3T PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
   SP3T AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com