Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ100A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # SMBJ100A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ100A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  SMBJ100A Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ100A Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ100A Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ100A Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ 5.0 - 170A
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
VBR : 6.8 - 200 Volts
PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms
* Excellent clamping capability
* Low inductance
* Response Time Typically < 1ns
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.108 gram
MAXIMUM RATINGS
Rating at Ta = 25
?C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000
µs (1)
waveform (Notes 1, 2, Fig. 3)
PPPM
Minimum 600
Watts
Peak Pulse Current on 10/1000
µs
waveform (Note 1, Fig. 5)
IPPM
See Table
Amps
Peak forward Surge Current
8.3 ms single half sine-wave superimposed on
rated load ( JEDEC Method )(Notes 2, 3)
Maximum Instantaneous Forward Voltage at 50A (Note 3,4 )
VFM
See Note 3, 4
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
- 65 to + 150
?C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
?C per Fig. 1
(2) Mounted on 5.0mm2 (0.013mm thick) land areas.
(3) Measured on 8.3ms. Single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
(4) VF=3.5V for SMBJ5.0 thru SMBJ90 devices and VF=5V for SMBJ100 thru SMBJ170 devices.
UPDATE : MAY 25, 2000
0.22
? 0.07
2.0
? 0.1
2.3
? 0.2
3.6
? 0.15
SMB (DO-214AA)
1.1
? 0.3
Dimensions in millimeter
TEL. : (66 2) 326-0102, 739-4580
FAX. : (66 2) 326-0933 E-mail : eicfirst @ iname.com http. : // www.eicsemi.com
103 MOO 4, LATKRABANG EXPORT PROCESSING ZONE, LATKRABANG, BANGKOK 10520, THAILAND
ELECTRONICS INDUSTRY (USA) CO., LTD.


Similar Part No. - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ100A MCC-SMBJ100A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMBJ100A VISHAY-SMBJ100A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
STMicroelectronics
SMBJ100A STMICROELECTRONICS-SMBJ100A Datasheet
133Kb / 10P
   Transil
More results

Similar Description - SMBJ100A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com