Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5534 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC5534
Description  High Performance Low Noise Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5534 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC5534 Datasheet HTML 1Page - Fairchild Semiconductor RC5534 Datasheet HTML 2Page - Fairchild Semiconductor RC5534 Datasheet HTML 3Page - Fairchild Semiconductor RC5534 Datasheet HTML 4Page - Fairchild Semiconductor RC5534 Datasheet HTML 5Page - Fairchild Semiconductor RC5534 Datasheet HTML 6Page - Fairchild Semiconductor RC5534 Datasheet HTML 7Page - Fairchild Semiconductor RC5534 Datasheet HTML 8Page - Fairchild Semiconductor RC5534 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RC5534/RC5534A
PRODUCT SPECIFICATION
5
Typical Performance Characteristics (continued)
Figure 7. Output Voltage Swing vs. Load Resistance
Figure 8. Output Voltage Swing vs. Frequency
Figure 9. Quiescent Current vs. Supply Voltage
Figure 10. Transient Response Output Voltage vs. Time
Figure 11. Follower Large Signal Pulse Response
Figure 12. Input Noise Density vs. Frequency
Output Voltage vs. Time
RL ( )
30
26
22
18
14
10
6
2
10
100
1K
10K
W
V =
±15V
F = 1 kHz
T.H.D. < 1%
A = +10
V
S
F (Hz)
42
36
30
24
18
12
6
0
100
1K
10K
100K
1M
V =
15V
T = +25 C
R = 2 k
S
A
C
L
W
C = 27 pF
C = 47 pF
C = 0 pF
C
C
+VS/-VS (V)
5
4
3
2
1
0
0
±3
±6
±9
±12
±15
±18
T = +25 C
A
Time (nS)
70
60
50
40
30
20
10
0
0
50
100
150
200
C = 100 pF
C = 22 pF
C = 500 pF
C = 47 pF
V =
15V
T = +25 C
R = 600
A = +1
S
A
L
V
L
C
90%
100%
L
C
W
10
8
6
4
2
0
-2
-4
-6
-8
-10
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
V =
15V
T = +25 C
C = 0 pF
S
A
C
Time (
µS)
Output
Input
F (Hz)
1000
100
10
1
0
10
1K
100K
100
10K
V =
15V
T = +25 C
R = 50
A = 60 dB
S
A
S
V
W


Similar Part No. - RC5534

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532A FAIRCHILD-RC5532A Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532AD FAIRCHILD-RC5532AD Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
More results

Similar Description - RC5534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com