Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5534 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC5534
Description  High Performance Low Noise Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5534 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC5534 Datasheet HTML 1Page - Fairchild Semiconductor RC5534 Datasheet HTML 2Page - Fairchild Semiconductor RC5534 Datasheet HTML 3Page - Fairchild Semiconductor RC5534 Datasheet HTML 4Page - Fairchild Semiconductor RC5534 Datasheet HTML 5Page - Fairchild Semiconductor RC5534 Datasheet HTML 6Page - Fairchild Semiconductor RC5534 Datasheet HTML 7Page - Fairchild Semiconductor RC5534 Datasheet HTML 8Page - Fairchild Semiconductor RC5534 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RC5534/RC5534A
PRODUCT SPECIFICATION
3
DC Electrical Characteristics
(VS =
±15V and TA = +25˚C unless otherwise noted)
AC Electrical Characteristics
(VS =
±15V and TA = +25˚C unless otherwise noted)
RM5534/A
RC5534/A
Parameters
Test Conditions
Min
Typ
Max
Min
Typ
Max
Units
Input Offset Voltage
RS
£ 1kW
0.5
2.0
0.5
4.0
mV
Input Offset Current
10
200
20
300
nA
Input Bias Current
400
800
500
1500
nA
Input Resistance (Diff. Mode)
100
100
k
W
Large Signal Voltage Gain
RL
³ 600W, VOUT = ±10V
50
100
25
100
V/mV
Output Voltage Swing
RL
³ 600W
±12
±13
±12
±13
V
Input Voltage Range
±12
±13
±12
±13
V
Common Mode Rejection Ratio
RS
£ 1kW
80
100
70
100
dB
Power Supply Rejection Ratio
RS
£ 1kW
86
100
86
100
dB
Supply Current
RL =
¥
4.0
6.5
4.0
8.0
mA
Transient Response Rise Time
VIN = 50 mV, RL = 600
W,
CL = 100 pF, CC = 22 pF
35
35
nS
Overshoot
17
17
%
Slew Rate
CC = 0
13
13
V/
mS
Gain Bandwidth Product
CC = 22 pF, CL = 100 pF
10
10
MHz
Power Bandwidth
VOUT = 20Vp-p, CC = 0
200
200
kHz
Input Noise Voltage
F = 20 Hz to 20 kHz
1.0
1.0
mVRMS
Input Noise Current
F = 20 Hz to 20 kHz
25
25
pARMS
Channel Separation
F = 1 kHz, RS = 5 k
W
110
110
dB
Parameters
Test Conditions
RC/RM5534A
RC/RM5534
Units
Input Noise Voltage Density
FO = 30 Hz
5.5
7.0
7.0
nV/
ÖHz
FO = 1 kHz
3.5
4.5
4.0
Input Noise Current Density
FO = 30 Hz
1.5
2.5
pA/
ÖHz
FO = 1 kHz
0.4
0.6
Broadband Noise Figure
F = 10 Hz - 20 kHz,
RS = 5 k
W
0.9
dB


Similar Part No. - RC5534

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532A FAIRCHILD-RC5532A Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532AD FAIRCHILD-RC5532AD Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RC5532AN FAIRCHILD-RC5532AN Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
More results

Similar Description - RC5534

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
   Low Noise, High Performance Operational Amplifier
logo
New Japan Radio
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
   HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC259 RENESAS-UPC259 Datasheet
619Kb / 9P
   High Performance, Low Noise Dual Operational Amplifier
2019.06.13
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
   High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
   High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
   Low Noise, High Performance, Quad Operational Amplifier
logo
New Japan Radio
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
   HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com