Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R622LY-470K Datasheet(PDF) 1 Page - TOKO, Inc

Part # R622LY-470K
Description  Ideal as a choke coil for noise filtering and DC/DC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

R622LY-470K Datasheet(HTML) 1 Page - TOKO, Inc

  R622LY-470K Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
101
TYPE 8RHB
Inductance Range: 1.0-1000
µH
Temperature Coefficient: 400ppm/°C, max.
TYPE 8RHB
TOKO
Test
DC
Rated DC
Rated DC
Self Resonant
Part
Inductance
Q (1)
Frequency of
Resistance (5)
Current (2)
Current (3)
Frequency (4), (6)
Number
L (
µH)
(min.)
L, Qu (MHz)
(
Ω) max.
(A) max.
(A) max.
(MHz) min.
R622LY-1R0M
1.0±20%
20
7.96
0.013
10
3.71
150
R622LY-1R5M
1.5±20%
20
7.96
0.016
8.5
3.32
130
R622LY-2R2M
2.2±20%
20
7.96
0.021
6.5
3.15
100
R622LY-3R3M
3.3±20%
20
7.96
0.025
5.5
2.66
79
R622LY-4R7M
4.7±20%
20
7.96
0.030
4.3
2.27
51
R622LY-6R8M
6.8±20%
20
7.96
0.035
3.7
2.10
29
R622LY-100K
10±10%
50
2.52
0.045
3.0
1.96
14
R622LY-120K
12±10%
50
2.52
0.050
2.6
1.82
13
R622LY-150K
15±10%
50
2.52
0.056
2.3
1.75
12
R622LY-180K
18±10%
40
2.52
0.061
2.2
1.54
11
R622LY-220K
22±10%
40
2.52
0.070
2.0
1.29
9.2
R622LY-270K
27±10%
40
2.52
0.080
1.7
1.22
8.5
R622LY-330K
33±10%
30
2.52
0.090
1.6
1.17
1.8
R622LY-390K
39±10%
30
2.52
0.10
1.5
1.14
6.9
R622LY-470K
47±10%
30
2.52
0.17
1.4
0.79
6.5
R622LY-560K
56±10%
30
2.52
0.20
1.3
0.76
5.4
R622LY-680K
68±10%
30
2.52
0.22
1.2
0.70
4.9
R622LY-820K
82±10%
30
2.52
0.25
1.1
0.67
4.1
R622LY-101K
100±10%
20
0.796
0.28
0.91
0.58
3.7
R622LY-121K
120±10%
20
0.796
0.32
0.84
0.56
3.4
R622LY-151K
150±10%
20
0.796
0.54
0.75
0.42
3.2
R622LY-181K
180±10%
20
0.796
0.60
0.69
0.40
2.8
R622LY-221K
220±10%
20
0.796
0.68
0.64
0.38
2.7
R622LY-271K
270±10%
20
0.796
0.80
0.57
0.35
2.4
R622LY-331K
330±10%
20
0.796
0.90
0.54
0.33
2.3
R622LY-391K
390±10%
20
0.796
1.2
0.48
0.28
2.1
R622LY-471K
470±10%
20
0.796
1.37
0.46
0.25
1.9
R622LY-561K
560±10%
20
0.796
1.53
0.41
0.23
1.8
R622LY-681K
680±10%
20
0.796
2.0
0.38
0.21
1.6
R622LY-821K
820±10%
20
0.796
2.7
0.35
0.18
1.5
R622LY-102K
1,000±10%
50
0.252
2.96
0.29
0.16
1.3
TYPE
8RHB
Fixed Inductors
Features
• Ideal as a choke coil for noise filtering and DC/DC
convertor applications.
Note: Taped form is Type 8RHT (see complete specification on page 102).
STANDARD PARTS SELECTION GUIDE
(1) Q and Inductance are measured by Q meter YHP-4343B or
equivalent.
(2) The rated DC current is that which the inductance value
decreases 10% by the excitation DC current, measured
at 1KHz by Precision LCR meter 4284A (hp) or equivalent.
(3) The rated DC current which the part temperature rises 20°C
by the excitation DC current from room temperature (20°).
(4) SRF is measured by Network Analyzer 3577A (hp), MS560J
(Anritsu) or equivalent.
(5) DC Resistance is measured by Digital Multimeter TR6871
(Advantest) or equivalent.
(6) SRF is for reference only.


Similar Part No. - R622LY-470K

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R6220430 POWEREX-R6220430 Datasheet
397Kb / 2P
   Fast Recovery Rectifier (300 Amperes Average 1600 Volts)
R6220440 POWEREX-R6220440 Datasheet
807Kb / 4P
   Fast Recovery Rectifier (400 Amperes Average 1600 Volts)
R6220455 POWEREX-R6220455 Datasheet
811Kb / 4P
   Fast Recovery Rectifier (550Amperes Average 1600 Volts)
R6220630 POWEREX-R6220630 Datasheet
397Kb / 2P
   Fast Recovery Rectifier (300 Amperes Average 1600 Volts)
R6220640 POWEREX-R6220640 Datasheet
807Kb / 4P
   Fast Recovery Rectifier (400 Amperes Average 1600 Volts)
More results

Similar Description - R622LY-470K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CPFC0535B SUMIDA-CPFC0535B Datasheet
151Kb / 3P
   Common mode choke coil for DC lines
logo
TOKO, Inc
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
   Ideal for DC-DC converter applications
FDSD0515 TOKO-FDSD0515 Datasheet
247Kb / 1P
   Ideal for DC-DC converter applications
FDSD0420 TOKO-FDSD0420 Datasheet
261Kb / 1P
   Ideal for DC-DC converter applications
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
   Ideal for DC-DC converter applications
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF_06 Datasheet
143Kb / 1P
   DC COMMON MODE CHOKE COIL
CPFC54 SUMIDA-CPFC54 Datasheet
187Kb / 2P
   DC Common Mode Choke Coil
logo
TOKO, Inc
MDT2016-CF TOKO-MDT2016-CF Datasheet
187Kb / 1P
   Ideal for a variety of DC-DC converter Inductor application
logo
Sumida Corporation
CPFC75 SUMIDA-CPFC75 Datasheet
118Kb / 1P
   DC COMMON MODE CHOKE COIL
CLP82 SUMIDA-CLP82_06 Datasheet
155Kb / 2P
   DC COMMON MODE CHOKE COIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com