Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEFCX0G151R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEFCX0G151R
Description  SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFCX0G151R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEFCX0G151R Datasheet HTML 1Page - Panasonic Semiconductor EEFCX0G151R Datasheet HTML 2Page - Panasonic Semiconductor EEFCX0G151R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EEF-8 –
Standard Products
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(μF)
Case Size
Specification
Part number
Reflow condition
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
✽2
ESR
(m
Ω max.)
240 °C
✽3
260 °C
✽3
UD
2
330
7.3
4.3
2.8
3.0
15
EEFUD0D331ER
✽5
✽4
2000
7.3
4.3
2.8
3.3
12
EEFUD0D331XE
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0D331LE
✽5
✽4
2000
390
7.3
4.3
2.8
3.0
15
EEFUD0D391ER
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0D391LE
✽5
✽4
2000
470
7.3
4.3
2.8
3.4
9
EEFUD0D471LE
✽5
✽4
2000
2.5
220
7.3
4.3
2.8
3.0
15
EEFUD0E221ER
✽5
✽4
2000
7.3
4.3
2.8
3.3
12
EEFUD0E221XE
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0E221LE
✽5
✽4
2000
270
7.3
4.3
2.8
3.0
15
EEFUD0E271ER
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0E271LE
✽5
✽4
2000
4
120
7.3
4.3
2.8
3.0
15
EEFUD0G121ER
✽5
✽4
2000
7.3
4.3
2.8
3.4
12
EEFUD0G121XE
✽5
✽4
2000
150
7.3
4.3
2.8
3.0
15
EEFUD0G151ER
✽5
✽4
2000
7.3
4.3
2.8
3.3
12
EEFUD0G151XE
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0G151LE
✽5
✽4
2000
180
7.3
4.3
2.8
2.5
18
EEFUD0G181ER
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0G181LE
✽5
✽4
2000
6.3
100
7.3
4.3
2.8
3.0
15
EEFUD0J101ER
✽5
✽4
2000
7.3
4.3
2.8
3.3
12
EEFUD0J101XE
✽5
✽4
2000
120
7.3
4.3
2.8
3.0
15
EEFUD0J121ER
✽5
✽4
2000
7.3
4.3
2.8
3.3
12
EEFUD0J121XE
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0J121LR
✽5
2000
150
7.3
4.3
2.8
2.5
18
EEFUD0J151ER
✽5
✽4
2000
7.3
4.3
2.8
3.4
9
EEFUD0J151LR
✽5
2000
8
68
7.3
4.3
2.8
3.0
15
EEFUD0K680ER
✽4
2000
100
7.3
4.3
2.8
2.5
18
EEFUD0K101ER
✽4
2000
UE
2
270
7.3
4.3
4.2
3.3
12
EEFUE0D271ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D271XE
✽5
✽4
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0D331ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D331XE
✽5
✽4
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0D391ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D391XE
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0D391LE
✽5
✽4
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0D471ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0D471XE
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0D471LE
✽5
✽4
2000
560
7.3
4.3
4.2
3.3
12
EEFUE0D561ER
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0D561LE
✽5
✽4
2000
2.5
220
7.3
4.3
4.2
3.3
12
EEFUE0E221ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E221XE
✽5
✽4
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0E271ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E271XE
✽5
✽4
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0E331ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0E331XE
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0E331LE
✽5
✽4
2000
390
7.3
4.3
4.2
3.3
12
EEFUE0E391ER
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0E391LE
✽5
✽4
2000
470
7.3
4.3
4.2
3.3
12
EEFUE0E471ER
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0E471LE
✽5
✽4
2000
4
180
7.3
4.3
4.2
3.3
12
EEFUE0G181ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0G181XE
✽5
✽4
2000
220
7.3
4.3
4.2
3.3
12
EEFUE0G221ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0G221XE
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0G221LE
✽5
✽4
2000
270
7.3
4.3
4.2
3.3
12
EEFUE0G271ER
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0G271LE
✽5
✽4
2000
330
7.3
4.3
4.2
3.3
12
EEFUE0G331ER
✽4
2000
6.3
150
7.3
4.3
4.2
3.3
12
EEFUE0J151ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0J151XE
✽5
✽4
2000
180
7.3
4.3
4.2
3.3
12
EEFUE0J181ER
✽5
✽4
2000
7.3
4.3
4.2
3.5
10
EEFUE0J181XE
✽5
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0J181LR
✽5
2000
220
7.3
4.3
4.2
3.0
15
EEFUE0J221ER
✽4
2000
7.3
4.3
4.2
3.7
7
EEFUE0J221LR
✽5
2000
8
100
7.3
4.3
4.2
3.3
12
EEFUE0K101ER
✽5
✽4
2000
150
7.3
4.3
4.2
3.0
15
EEFUE0K151ER
✽4
2000
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please refer to the page of “Mouting Specifications”.
✽4: Please use high temperature Lead-Free reflow (260 °C) for new design.
✽5: In the case of new design please contact us.
○ : available, — : not available
00 Nov. 2012


Similar Part No. - EEFCX0G151R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFCX0G151R PANASONIC-EEFCX0G151R Datasheet
234Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEFCX0G151R PANASONIC-EEFCX0G151R Datasheet
90Kb / 3P
   Surface Mount Type
EEFCX0G151R PANASONIC-EEFCX0G151R Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFCX0G151R PANASONIC-EEFCX0G151R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEFCX0G151R PANASONIC-EEFCX0G151R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results

Similar Description - EEFCX0G151R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-GX0E471R PANASONIC-EEF-GX0E471R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com