Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-SFP-SXLC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M-SFP-SXLC
Description  Hirschmann Automation and Control GmbH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M-SFP-SXLC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M-SFP-SXLC Datasheet HTML 1Page - List of Unclassifed Manufacturers M-SFP-SXLC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M-SFP-SX/LC
Industrial Networking:Industrial Ethernet:LION Control Room Switch:Fiberoptic
Transceiver
Hirschmann Automation and Control GmbH
Delivery informations
Availability
available
Document created at
22.05.2009
Product description
Description
SFP Fiberoptic Gigabit Ethernet Transceiver for: MICE media modules, MM4-
4TX/SFP and MM4-2TX/SFP, OpenRail RS30-Switches, MACH 4000, SmartLION
and GigaLION.
Port type and quantity
1 x 1000BASE-SX with LC connector
Type
M-SFP-SX/LC
Order No.
943 014-001
Network size - length of cable
Multimode fiber (MM) 50/125 µm
0 - 550 m
0 - 7,5 dB link budget at 850 nm
A = 3 dB/km, 3 dB reserve, B = 400 MHz x km
Multimode fiber (MM) 62.5/125 µm
0 - 275 m
0 - 7,5 dB link budget at 850 nm
A = 3,2 dB/km, 3 dB reserve, B = 200 MHz x km
Power requirements
Operating voltage
power supply via the switch
Power consumption
1 W
Service
Diagnostics
optical input and output power, transceiver temperature
Ambient conditions
Operating temperature
0 ºC to +60 ºC
Storage/transport temperature
-40ºC to +85ºC
Relative humidity (non-condensing)
10% to 95%
Mechanical construction
Dimensions (W x H x D)
20 mm x 18 mm x 50 mm
Mounting
SFP slot
Weight
40 g
Protection class
IP 20
Mechanical stability
IEC 60068-2-27 shock
15 g, 11 ms duration, 18 shocks
IEC 60068-2-6 vibration
1 mm, 2 Hz - 13.2 Hz, 90 min.; 0.7g, 13.2 Hz - 100 Hz, 90 min.; 3.5 mm, 3 Hz - 9
Hz,
10 cycles, 1 octave/min.; 1g, 9 Hz - 150 Hz, 10 cycles, 1 octave/min.
EMC interference immunity
EN 61000-4-2 electrostatic discharge (ESD) 6 kV contact discharge, 8 kV air discharge
EN 61000-4-3 electromagnetic field
10 V/m (80 - 1000 MHz)
EN 61000-4-4 fast transients (burst)
2 kV power line, 1 kV data line
EN 61000-4-5 surge voltage
power line: 2 kV (line/earth), 1 kV (line/line), 1kV data line
EN 61000-4-6 conducted immunity
3 V (10 kHz - 150 kHz), 10 V (150 kHz - 80 MHz)
EMC emitted immunity
FCC CFR47 Part 15
FCC CFR47 Part 15 Class A
EN 55022
EN 55022 Class A
Approvals
Safety of industrial control equipment
cUL 508 (E175531)
page 1 of 2


Similar Part No. - M-SFP-SXLC

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
M-SFP-SX-LC-C ATGBICS-M-SFP-SX-LC-C Datasheet
293Kb / 8P
   M-SFP-SX/LC Hirschmann Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
M-SFP-SX/LC-C ATGBICS-M-SFP-SX/LC-C Datasheet
293Kb / 8P
   M-SFP-SX/LC Hirschmann Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results

Similar Description - M-SFP-SXLC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAS2 ETC2-STAS2 Datasheet
156Kb / 2P
   Hirschmann Automation and Control GmbH
G4A5M ETC2-G4A5M Datasheet
146Kb / 2P
   Hirschmann Automation and Control GmbH
logo
Analog Devices
ADP2443 AD-ADP2443 Datasheet
802Kb / 25P
   Process control and industrial automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
TE Connectivity Ltd
602-430-XXX TEC-602-430-XXX Datasheet
332Kb / 4P
   HIRSCHMANN MOBILITY
logo
EDA Technology Co.,LTD
ED-CM4IND10-0232-4C-I EDATEC-ED-CM4IND10-0232-4C-I Datasheet
2Mb / 5P
   Industrial Computer for IoT, Industrial Control and Automation
logo
Amphenol Corporation
C091-31G006-100-2 AMPHENOL-C091-31G006-100-2 Datasheet
3Mb / 52P
   Amphenol-Tuchel Electronics GmbH
logo
ALPS ELECTRIC CO.,LTD.
SKHHLRA010 ALPS-SKHHLRA010 Datasheet
711Kb / 8P
   ALPS ELECTRIC EUROPA GMBH
logo
List of Unclassifed Man...
RS199 ETC2-RS199 Datasheet
187Kb / 1P
   EDSYN GMBH EUROPA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com