Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5531079A Datasheet(PDF) 4 Page - California Eastern Labs

Part # NE5531079A
Description  7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5531079A Datasheet(HTML) 4 Page - California Eastern Labs

  NE5531079A Datasheet HTML 1Page - California Eastern Labs NE5531079A Datasheet HTML 2Page - California Eastern Labs NE5531079A Datasheet HTML 3Page - California Eastern Labs NE5531079A Datasheet HTML 4Page - California Eastern Labs NE5531079A Datasheet HTML 5Page - California Eastern Labs NE5531079A Datasheet HTML 6Page - California Eastern Labs NE5531079A Datasheet HTML 7Page - California Eastern Labs NE5531079A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
//htmlimg2.alldatasheet.com/htmldatasheet2/598891/CEL/NE5531079A/246/4/NE5531079A.png


Similar Part No. - NE5531079A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
NE5531079A-T1 RENESAS-NE5531079A-T1 Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
NE5531079A-T1A RENESAS-NE5531079A-T1A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results

Similar Description - NE5531079A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE552R479A-T1-A CEL-NE552R479A-T1-A Datasheet
605Kb / 7P
   3.0 V OPERATION SILICON RF POWER LDMOS FET FOR 2.45 GHz 0.4 W TRANSMISSION AMPLIFIERS
NE5511279A CEL-NE5511279A Datasheet
296Kb / 4P
   7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE552R679A NEC-NE552R679A Datasheet
68Kb / 9P
   3.0 V OPERATION SILICON RF POWER LD-MOS FET FOR 460 MHz 0.6 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5511279A-A CEL-NE5511279A-A Datasheet
297Kb / 4P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
logo
NEC
NE5511279A-T1 NEC-NE5511279A-T1 Datasheet
99Kb / 3P
   NECS 7.5 V UHF BAND RF POWER SILICON LD-MOS FET
5510279A NEC-5510279A Datasheet
390Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5510279A CEL-NE5510279A Datasheet
42Kb / 5P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
NE5510179A CEL-NE5510179A Datasheet
42Kb / 4P
   3.5 V OPERATION SILICON RF POWER MOSFET FOR 1.9 GHZ TRANSMISSION AMPLIFIERS
logo
NEC
NE5510279A NEC-NE5510279A Datasheet
39Kb / 5P
   3.5V OPERATION SILICON RF POWER MOSFET FOR GSM1800 TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com