Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5550279A Datasheet(PDF) 2 Page - California Eastern Labs

Part # NE5550279A
Description  Silicon Power LDMOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE5550279A Datasheet(HTML) 2 Page - California Eastern Labs

  NE5550279A Datasheet HTML 1Page - California Eastern Labs NE5550279A Datasheet HTML 2Page - California Eastern Labs NE5550279A Datasheet HTML 3Page - California Eastern Labs NE5550279A Datasheet HTML 4Page - California Eastern Labs NE5550279A Datasheet HTML 5Page - California Eastern Labs NE5550279A Datasheet HTML 6Page - California Eastern Labs NE5550279A Datasheet HTML 7Page - California Eastern Labs NE5550279A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NE5550279A
R09DS0033EJ0200 Rev.2.00
Page 2 of 7
Jul 04, 2012
RECOMMENDED OPERATING RANGE (TA = 25°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
7.5
9.0
V
Gate to Source Voltage
VGS
1.65
2.20
2.85
V
Drain Current
IDS
0.4
A
Input Power
Pin
f = 460 MHz, VDS = 7.5 V
15
20
dBm
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Gate to Source Leakage Current
IGSS
VGS = 6.0 V
100
nA
Drain to Source Leakage Current
(Zero Gate Voltage Drain Current)
IDSS
VDS = 25 V
10
μA
Gate Threshold Voltage
Vth
VDS = 7.5 V, IDS = 1.0 mA
1.15
1.65
2.25
V
Drain to Source Breakdown Voltage
BVDSS
IDS = 10 μA
25
38
V
Transconductance
Gm
VDS = 7.5 V, IDS = 140±20 mA
0.36
0.44
0.58
S
Thermal Resistance
Rth
Channel to Case
20.0
°C/W
RF Characteristics
Output Power
Pout
f = 460 MHz, VDS = 7.5 V,
31.5
33.0
dBm
Drain Current
IDS
Pin = 15 dBm,
0.38
A
Power Drain Efficiency
η
d
IDset = 40 mA (RF OFF)
70
%
Power Added Efficiency
η
add
68
%
Linear Gain
GL
Note
22.5
dB
Note: Pin = 0 dBm
Remark DC performance is 100% testing. RF performance is testing several samples per wafer.
Wafer rejection criteria for standard devices is 1 reject for several samples.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NE5550279A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550279A-T1 RENESAS-NE5550279A-T1 Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550279A-T1A RENESAS-NE5550279A-T1A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
More results

Similar Description - NE5550279A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5550779A RENESAS-NE5550779A Datasheet
3Mb / 17P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A_13 Datasheet
790Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550979A CEL-NE5550979A Datasheet
1Mb / 12P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550979A RENESAS-NE5550979A_15 Datasheet
784Kb / 13P
   Silicon Power LDMOS FET
logo
California Eastern Labs
NE5550779A CEL-NE5550779A Datasheet
3Mb / 16P
   Silicon Power LDMOS FET
logo
Renesas Technology Corp
NE5550279A RENESAS-NE5550279A Datasheet
470Kb / 9P
   Silicon Power LDMOS FET
NE5550979A RENESAS-NE5550979A Datasheet
438Kb / 10P
   Silicon Power LDMOS FET
logo
Motorola, Inc
MRF9745T1 MOTOROLA-MRF9745T1 Datasheet
60Kb / 4P
   HIGH FREQUENCY POWER TRANSISTOR LDMOS FET
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
   LDMOS RF Line Power FET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com