Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEHA1E470WP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEEHA1E470WP
Description  Aluminum Electrolytic Capacitors/ HA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHA1E470WP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEEHA1E470WP Datasheet HTML 1Page - Panasonic Semiconductor EEEHA1E470WP Datasheet HTML 2Page - Panasonic Semiconductor EEEHA1E470WP Datasheet HTML 3Page - Panasonic Semiconductor EEEHA1E470WP Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HA
– EE42 –
Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
63
10
8
6.2
E
25
0.18
EEEHA1J100P
(2)
1000
22
86.2
(E)
25
0.18
EEEHA1J220UP
(2)
1000
810.2
F
30
0.18
EEEHA1J220P
(2)
500
33
10
10.2
G
45
0.18
EEEHA1J330P
(2)
500
47
810.2
(F)
45
0.18
EEEHA1J470UP
(2)
500
10
10.2
G
50
0.18
EEEHA1J470P
(2)
500
100
3.3
8
6.2
E
30
0.18
EEEHA2A3R3P
(2)
1000
4.7
86.2
(E)
30
0.18
EEEHA2A4R7UP
(2)
1000
810.2
F
50
0.18
EEEHA2A4R7P
(2)
500
10
8
10.2
F
55
0.18
EEEHA2A100P
(2)
500
22
810.2
(F)
55
0.18
EEEHA2A220UP
(2)
500
10
10.2
G
60
0.18
EEEHA2A220P
(2)
500
33
10
10.2
G
65
0.18
EEEHA2A330P
(2)
500
47
10
10.2
(G)
65
0.18
EEEHA2A470UP
(2)
500
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog. Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-11) listed on EE186 of our Catalog.
Endurance : 105 °C 1000 h
Sep. 2010
00


Similar Part No. - EEEHA1E470WP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHA1E470WP PANASONIC-EEEHA1E470WP Datasheet
198Kb / 4P
   Surface Mount Type
EEEHA1E470WP PANASONIC-EEEHA1E470WP Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1E470WP PANASONIC-EEEHA1E470WP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1E470WP PANASONIC-EEEHA1E470WP Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEEHA1E470WP PANASONIC-EEEHA1E470WP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results

Similar Description - EEEHA1E470WP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-HA1H100P PANASONIC-EEE-HA1H100P Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1E101UP PANASONIC-EEE-HA1E101UP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA0J221WP PANASONIC-EEE-HA0J221WP Datasheet
89Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAC101WAP PANASONIC-EEE-HAC101WAP Datasheet
89Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1J100P PANASONIC-EEE-HA1J100P Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV221UAP PANASONIC-EEE-HAV221UAP Datasheet
94Kb / 3P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1H470UP PANASONIC-EEE-HA1H470UP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C100R PANASONIC-EEE-HA1C100R Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HA1C221XP PANASONIC-EEE-HA1C221XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
EEE-HAV101XAP PANASONIC-EEE-HAV101XAP Datasheet
84Kb / 3P
   Aluminum Electrolytic Capacitors HA
EEE-HA1V101XP PANASONIC-EEE-HA1V101XP Datasheet
102Kb / 4P
   Aluminum Electrolytic Capacitors/ HA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com