Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2176C Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2176C
Description  70 MHz/1 mA Current Mode Feedback Amp w/Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2176C Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2176C Datasheet HTML 5Page - Elantec Semiconductor EL2176C Datasheet HTML 6Page - Elantec Semiconductor EL2176C Datasheet HTML 7Page - Elantec Semiconductor EL2176C Datasheet HTML 8Page - Elantec Semiconductor EL2176C Datasheet HTML 9Page - Elantec Semiconductor EL2176C Datasheet HTML 10Page - Elantec Semiconductor EL2176C Datasheet HTML 11Page - Elantec Semiconductor EL2176C Datasheet HTML 12Page - Elantec Semiconductor EL2176C Datasheet HTML 13Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
EL2176CEL2276C
70 MHz1 mA Current Mode Feedback Amp wDisable
Typical Performance Curves
Contd
vs Ambient Temperature
Maximum Power Dissipation
14-Pin Plastic DIP
2176 – 39
vs Ambient Temperature
Maximum Power Dissipation
14-Lead SO
2176 – 40
vs Frequency (EL2276)
Channel Separation
2176 – 41
9


Similar Part No. - EL2176C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2176CN INTERSIL-EL2176CN Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
EL2176CS INTERSIL-EL2176CS Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
More results

Similar Description - EL2176C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2170C ELANTEC-EL2170C Datasheet
330Kb / 16P
   70 MHz/1 mA Current Mode Feedback Amplifiers
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
   250 MHz Triple Current Feedback Amp w/Disable
logo
Intersil Corporation
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
   70MHz/1mA Current Mode Feedback Amp W/Disable
logo
Renesas Technology Corp
EL2276 RENESAS-EL2276 Datasheet
870Kb / 14P
   70MHz/1mA Current Mode Feedback Amp w/Disable
logo
Analog Devices
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
ON Semiconductor
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
logo
National Semiconductor ...
LMH6723 NSC-LMH6723 Datasheet
1Mb / 17P
   Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com