Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV4V41SF-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # NV4V41SF-A
Description  Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NV4V41SF-A Datasheet(HTML) 6 Page - California Eastern Labs

  NV4V41SF-A Datasheet HTML 1Page - California Eastern Labs NV4V41SF-A Datasheet HTML 2Page - California Eastern Labs NV4V41SF-A Datasheet HTML 3Page - California Eastern Labs NV4V41SF-A Datasheet HTML 4Page - California Eastern Labs NV4V41SF-A Datasheet HTML 5Page - California Eastern Labs NV4V41SF-A Datasheet HTML 6Page - California Eastern Labs NV4V41SF-A Datasheet HTML 7Page - California Eastern Labs NV4V41SF-A Datasheet HTML 8Page - California Eastern Labs NV4V41SF-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NV4V41SF
Chapter Title
R08DS0064EJ0200 Rev.2.00
Page 6 of 7
Jun 20, 2013
NOTES ON HANDLING (UNIT: mm)
1. Recommended soldering conditions
• Peak Temperature
≤ 350°C
• Time
≤ 3 seconds
Soldering of leads should be made at the point 2.0 mm from the root of the lead
This device cannot be mounted using reflow soldering.
2. Usage cautions
(1) Take the following steps to ensure that the device is not damaged by static electricity.
• Wear an antistatic wrist strap when soldering the device.
We recommend a strap with a 1 M
Ω resistor.
• Make sure that the work table and soldering iron are grounded.
• Make sure that the soldering iron does not leak.
(2) Do not subject the package to undue stress.
The package has a tensile strength of 1N or less.
Do not exceed this rating. Also, avoid bending the leads as much as possible.
If the leads must be bent, bend them only once, making sure to anchor the stem base of the lead.
(3) Do not allow the cap glass of the package to become scratched or dirty.
Also, do not subject the cap glass to external force.
(4) Be sure to attach a heat sink to sufficiently dissipate heat.
(5) Use the device as soon as possible after opening the bag.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - NV4V41SF-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NV4V41SF RENESAS-NV4V41SF Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results

Similar Description - NV4V41SF-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NV4V31SF RENESAS-NV4V31SF_15 Datasheet
295Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V31SF CEL-NV4V31SF Datasheet
586Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31SF RENESAS-NV4V31SF Datasheet
284Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V31MF CEL-NV4V31MF Datasheet
733Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF_15 Datasheet
272Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Sanyo Semicon Device
DL-LS5010 SANYO-DL-LS5010 Datasheet
19Kb / 1P
   BLUE-VIOLET LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com