Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2150CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2150CS
Description  125 MHz Single Supply, Clamping Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2150CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2150CS Datasheet HTML 1Page - Elantec Semiconductor EL2150CS Datasheet HTML 2Page - Elantec Semiconductor EL2150CS Datasheet HTML 3Page - Elantec Semiconductor EL2150CS Datasheet HTML 4Page - Elantec Semiconductor EL2150CS Datasheet HTML 5Page - Elantec Semiconductor EL2150CS Datasheet HTML 6Page - Elantec Semiconductor EL2150CS Datasheet HTML 7Page - Elantec Semiconductor EL2150CS Datasheet HTML 8Page - Elantec Semiconductor EL2150CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
EL2150CEL2157C
125 MHz Single Supply Clamping Op Amps
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1995 Elantec Inc
Features
 Specified for a 3V a 5V or
g
5V Applications
 Power Down to 0 mA (EL2157C)
 Output Voltage Clamp
(EL2157C)
 Large Input Comon Mode Range
0V k VCM k Vs - 12V
 Output Swings to Ground
Without Saturating
 b3 dB Bandwidth e 125 MHz
 g 01 dB Bandwidth e 30 MHz
 Low Supply Current e 5mA
 Slew Rate e 275V ms
 Low Offset Voltage e 2mVmax
(PDIP and SO Packages)
 Output Current e g100 mA
 High Open Loop Gain e 80 dB
 Differential Gain e 005%
 Differential Phase e 005
Applications
 Video Amplifier
 PCMCIA Applications
 AD Driver
 Line Driver
 Portable Computers
 High Speed Communications
 RGB Applications
 Broadcast Equipment
 Active Filtering
Ordering Information
Part No
Temp Range
Package
Outline
EL2150CN b40 Cto a85 C 8 Pin PDIP
MDP0031
EL2150CS
b
40 Cto a85 C 8 Pin SOIC
MDP0027
EL2150CW b40 Cto a85 C 5 Pin SOT23
MDP0038
EL2157CN b40 Cto a85 C 8 Pin PDIP
MDP0031
EL2157CS
b
40 Cto a85 C 8 Pin SOIC
MDP0027
See
Ordering
Information
section
of
databook
General Description
The EL2150CEL2157C are the electronics industry’s fastest
single supply op amps available Prior single supply op amps
have generally been limited to bandwidths and slew rates
that of the EL2150CEL2157C
The 125 MHz bandwidth
275 V
ms slew rate and 005%005 differential gaindifferen-
tial phase makes this part ideal for single or dual supply video
speed applications With its voltage feedback architecture this
amplifier can accept reactive feedback networks allowing them
to be used in analog filtering applications The inputs can sense
signals below the bottom supply rail and as high as 12V below
the top rail Connecting the load resistor to ground and operat-
ing from a single supply the outputs swing completely to
ground without saturating The outputs can also drive to within
12V of the top rail The EL2150CEL2157C will output g100
mA and will operate with single supply voltages as low as 27V
making it ideal for portable low power applications
The EL2157C has a high speed disable feature Applying a low
logic level to this pin reduces the supply current to 0
mA within
50 ns This is useful for both multiplexing and reducing power
consumption
The EL2157C also has an output voltage clamp feature This
clamp is a fast recovery (k7 ns) output clamp that prevents the
output voltage from going above the preset clamp voltage This
feature is desirable for AD applications as AD converters can
require long times to recover if overdriven
For applications where board space is critical the EL2150C is
available in the tiny 5 lead SOT23 package which has a foot-
print 28% the size of an 8 lead SOIC The EL2150CEL2157C
are also both available in 8 pin plastic DIP and SOIC packages
All parts operate over the industrial temperature range of
b
40 Cto a85 C For dual triple or quad applications contact
the factory
Connection Diagrams
EL2150C
EL2157C
EL2150C
SO P-DIP
SO P-DIP
SOT23-5
2150 – 3
2150 – 2
2150 – 1
Top View
Top View
Top View


Similar Part No. - EL2150CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2150CS INTERSIL-EL2150CS Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CS-T13 INTERSIL-EL2150CS-T13 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CS-T7 INTERSIL-EL2150CS-T7 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2150CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com