Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2513-1-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2513-1-A
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2513-1-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2513-1-A Datasheet HTML 2Page - California Eastern Labs PS2513-1-A Datasheet HTML 3Page - California Eastern Labs PS2513-1-A Datasheet HTML 4Page - California Eastern Labs PS2513-1-A Datasheet HTML 5Page - California Eastern Labs PS2513-1-A Datasheet HTML 6Page - California Eastern Labs PS2513-1-A Datasheet HTML 7Page - California Eastern Labs PS2513-1-A Datasheet HTML 8Page - California Eastern Labs PS2513-1-A Datasheet HTML 9Page - California Eastern Labs PS2513-1-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
PS2513-1,PS2513L-1
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
20 mA
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
10 000
100
1 000
100
10
1
75
50
25
0
–25
–50
VCE = 5 V
10
1.0
0.8
0.6
0.4
0.2
0
5
1
0.5
0.1
40
35
2
30
25
20
15
10
5
0
4
6
810
20
mA
10 mA
50
mA
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector to Emitter Voltage VCE (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
10 V
24 V
40 V
120 V
0˚C
–25˚C
–55˚C
+60˚C
+25˚C
TA = +100˚C
IF = 5 mA
2 mA
IF = 1 mA
5 mA
10 mA
150
100
50
125
75
175
25
025
50
75
100
125
150
100
50
125
75
175
25
025
50
75
100
125
Remark The graphs indicate nominal characteristics.
Data Sheet PN10163EJ03V0DS
6


Similar Part No. - PS2513-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2513-1-V RENESAS-PS2513-1-V Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1-V RENESAS-PS2513-1-V Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2513-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com